Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-2R Datasheet(PDF) 2 Page - TT Electronics.

Part # R-2R
Description  QSOP Package - Small Footprint
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

R-2R Datasheet(HTML) 2 Page - TT Electronics.

  R-2R Datasheet HTML 1Page - TT Electronics. R-2R Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R-2R Ladder Network
R-2R Series
R-2R Series Issue January 2009 Sheet 1 of 2
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
R-2R Ladder Network
Note: All dimesions exclude mold flash and
end flash which shall not exceed 0.006" per side.
Drawing proportions not to scale.
Note: Lead Coplanarity 0.004" Max.
Physical Data
# OF PINS
DIMENSION "D"
ZD REF
16
0.193
±0.004
0.009
20
0.341
±0.004
0.058
Prefix
GUS - QS009 - 01 - 1002 - G
Model
QS009 = 20-Pin, 10 bit, R-2R Ladder Network with Sn/Pb terminations
QS009LF = 20-Pin, 10 bit, R-2R Ladder Network with 100% matte tin, Pb-free terminations
QS014 = 16 Pin, 8 bit, R-2R Ladder Network with Sn/Pb terminations
QS014LF = 16-Pin, 8 bit, R-2R Ladder Network with 100% matte tin, Pb-free terminations
Temperature Coefficient
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Absolute Tolerance
G = ±2%
Resistance
1002 = 10K
Ω/20KΩ
2502 = 25K
Ω/50KΩ
Ordering Data
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - R-2R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-2-CR ETC2-R-2-CR Datasheet
302Kb / 1P
   Probe Specifications
R-2-CR ETC2-R-2-CR Datasheet
299Kb / 1P
   Size 2 .100 Centers
R-2-CR ETC2-R-2-CR Datasheet
302Kb / 1P
   Size 2 .100 Centers
R-2-RP ETC2-R-2-RP Datasheet
302Kb / 1P
   Probe Specifications
R-2-RP ETC2-R-2-RP Datasheet
299Kb / 1P
   Size 2 .100 Centers
More results

Similar Description - R-2R

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK06D300-QSOP ACCUTEK-AK06D300-QSOP_12 Datasheet
174Kb / 4P
   Quarter Size Small Outline Package QSOP DIP Adapters
logo
M/A-COM Technology Solu...
MAAD-007081 MA-COM-MAAD-007081 Datasheet
806Kb / 8P
   Small Footprint, JEDEC Package
logo
KODENSHI_AUK CORP.
KP1504WW0 KODENSHI-KP1504WW0 Datasheet
357Kb / 4P
   Small Footprint Surface Mount Package
KP3528BSKA2I-JX KODENSHI-KP3528BSKA2I-JX Datasheet
297Kb / 6P
   Small Footprint Surface Mount Package
KP3020W KODENSHI-KP3020W Datasheet
483Kb / 4P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2606GY-HF A-POWER-AP2606GY-HF_16 Datasheet
99Kb / 5P
   Small Footprint & Low Profile Package
logo
KODENSHI_AUK CORP.
KP5630W5AD29 KODENSHI-KP5630W5AD29 Datasheet
315Kb / 6P
   Small Footprint Surface Mount Package
KP3528W06A2I KODENSHI-KP3528W06A2I Datasheet
269Kb / 6P
   Small Footprint Surface Mount Package
KP3528BSKA2I-VX KODENSHI-KP3528BSKA2I-VX Datasheet
277Kb / 6P
   Small Footprint Surface Mount Package
logo
Advanced Power Electron...
AP2605GY0-HF A-POWER-AP2605GY0-HF_16 Datasheet
67Kb / 5P
   Small Footprint & Low Profile Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com