Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8J66FRA Datasheet(PDF) 6 Page - Rohm

Part # SP8J66FRA
Description  -30V Pch Pch Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J66FRA Datasheet(HTML) 6 Page - Rohm

Back Button SP8J66FRA Datasheet HTML 2Page - Rohm SP8J66FRA Datasheet HTML 3Page - Rohm SP8J66FRA Datasheet HTML 4Page - Rohm SP8J66FRA Datasheet HTML 5Page - Rohm SP8J66FRA Datasheet HTML 6Page - Rohm SP8J66FRA Datasheet HTML 7Page - Rohm SP8J66FRA Datasheet HTML 8Page - Rohm SP8J66FRA Datasheet HTML 9Page - Rohm SP8J66FRA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SP8J66FRA
           
               
Datasheet
l
lElectrical characteristic curves
Fig.8 Typical Transfer Characteristics
Fig.9 Gate Threshold Voltage vs. Junction
 Temperature
Fig.10 Forward Transfer Admittance  vs.
Drain Current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
6/11
20161101 - Rev.001


Similar Part No. - SP8J66FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J1 ROHM-SP8J1 Datasheet
67Kb / 5P
   Switching (−30V, −5.0A)
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
   Switching (−30V, −4.5A)
SP8J2 ROHM-SP8J2 Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8J2TB ROHM-SP8J2TB Datasheet
71Kb / 5P
   Switching (.30V, .4.5A)
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
   4V Drive PchPch MOS FET
More results

Similar Description - SP8J66FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
QS8J4HZG ROHM-QS8J4HZG Datasheet
2Mb / 15P
   -30V Pch Pch Small Signal MOSFET
SP8M4FRA ROHM-SP8M4FRA Datasheet
4Mb / 23P
   30V NchPch Power MOSFET
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RQ3E100AT ROHM-RQ3E100AT Datasheet
2Mb / 13P
   Pch -30V -31A Power MOSFET
RQ6E050AT ROHM-RQ6E050AT Datasheet
2Mb / 15P
   Pch -30V -5A Power MOSFET
SP8M5FRA ROHM-SP8M5FRA Datasheet
4Mb / 22P
   30V NchPch Power MOSFET
RRH140P03 ROHM-RRH140P03_12 Datasheet
640Kb / 12P
   Pch -30V -14A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com