Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP20F Datasheet(PDF) 3 Page - TT Electronics.

Part # SP20F
Description  F version has flame resistant coating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SP20F Datasheet(HTML) 3 Page - TT Electronics.

  SP20F Datasheet HTML 1Page - TT Electronics. SP20F Datasheet HTML 2Page - TT Electronics. SP20F Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: SP20FUL-180RJI (SP20F with UL recognition, 180 ohms ±5%, Pb-free)
S P
2
0
F U L
-
1
8
0
R J
I
1
2
3
4
5
USA (IRC) Part Number: SP20FUL1800JLF (SP20F with UL recognition, 180 ohms ±5%, Pb-free)
S P
2
0
F U L
1
8
0
0
J
L
F
1
2
3
4
5
6
1
2
3
4
5
Type
UL Status
Value
Tolerance Packing & Termination Finish
SP20
UL = UL recognised
(SP20F only, see Electrical
Data for applicable values.)
R = ohms
K = kilohms
J = ±5%
I = Standard packing & Pb-free
SP20F
K = ±10%
Tape pack 4000/reel
1
2
3
4
5
6
Type
UL Status
Value
Tolerance
Packing &
Termination Finish Custom Code
SP20
UL = UL recognised
(SP20F only, see Electrical
Data for applicable values.)
3 digits + multiplier J = ±5%
Omit for SnPb
Optional
SP20F
R = ohms for
values <100 ohms
K = ±10%
LF = Pb-free
Tape pack 4000/reel
General-Purpose Failsafe
Moulded Wirewound Resistors
SP20/SP20F Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - SP20F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SP20F WELWYN-SP20F Datasheet
130Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
More results

Similar Description - SP20F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-270 OHMITE-RES-270 Datasheet
385Kb / 2P
   Flame resistant coating
logo
3M Electronics
SJ3518FR 3M-SJ3518FR Datasheet
224Kb / 10P
   3M??Fastener SJ3518FR Loop Flame Resistant
SJ3519FR 3M-SJ3519FR Datasheet
224Kb / 10P
   3M??Fastener SJ3519FR Hook Flame Resistant
logo
Panasonic Semiconductor
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
logo
List of Unclassifed Man...
BCN164A102J7 ETC2-BCN164A102J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
Hamamatsu Corporation
R244 HAMAMATSU-R244 Datasheet
471Kb / 4P
   FLAME SENSOR
logo
Vishay Siliconix
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
   Protective Coating
Revision: 25-May-05
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
   Protective Coating
Revision 10-Jan-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com