Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP-3 Datasheet(PDF) 2 Page - TT Electronics.

Part # SPP-3
Description  Lower ranges available - contact factory
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SPP-3 Datasheet(HTML) 2 Page - TT Electronics.

  SPP-3 Datasheet HTML 1Page - TT Electronics. SPP-3 Datasheet HTML 2Page - TT Electronics. SPP-3 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fibre Core Conformal Coated
Wirewound Resistor
SPP Series
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Fibre Core Conformal Coated
Wirewound Resistor
SPP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (Inches and (mm))
IRC Type
A
B
C ± .002(0.05)
SPP-1
0.400(10.2) max.
0.148(3.8) max.
0.032(0.8)
0.032(0.8)
0.032(0.8)
SPP-2
0.570(14.5) max.
0.170(4.3) max.
SPP-3
0.570(14.5) max
0.170(4.3) max.
Physical Data
Characteristics
Maximum Limits
Temperature Coefficient (ppm/°C)
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1.0
Ω - 1200Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1.0
Ω - 2400Ω
±600/°C
0.10
Ω - 0.91Ω
±600/°C
1.0
Ω - 2400Ω
Thermal Shock
±5%
Low Shock
±5%
Short Time Overload
±5%
Commercial Short Time Overload
±5%
Resistance to Solder Immersion
±3%
Solderability
95% minimum coverage
Moisture Resistance
±5%
Life Test
±5%
Test Method
EIA Specification RS-344
Environmental Data
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
SPP-1
SPP-2
SPP-3
C
A
max.
1.125
(28.6)
min.
B
SPP Series Issue December 2008 Sheet 2 of 3


Similar Part No. - SPP-3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP-3 WELWYN-SPP-3 Datasheet
109Kb / 2P
   General Purpose Wirewound Resistors
logo
TT Electronics.
SPP-3 TTELEC-SPP-3 Datasheet
409Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
SPP-3 TTELEC-SPP-3 Datasheet
510Kb / 3P
   Fibre Core Conformal Coated Wirewound Resistor
More results

Similar Description - SPP-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNAP-PAC-RCK4 ETC2-SNAP-PAC-RCK4 Datasheet
463Kb / 7P
   Factory Mutual-approved versions available
logo
Mallory Sonalert Produc...
PB-32N10W-12K MSPI-PB-32N10W-12K Datasheet
197Kb / 1P
   For other options contact factory
PMO-4015PN-42KDQ MSPI-PMO-4015PN-42KDQ Datasheet
99Kb / 1P
   For other options contact factory
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
logo
Xilinx, Inc
XCR22LV10 XILINX-XCR22LV10 Datasheet
209Kb / 14P
   Available in commercial and industrial operating ranges
logo
Ningbo Tianbo Ganglian ...
TRA3 TIANBO-TRA3 Datasheet
1Mb / 3P
   au-clad contact available
TRA3H TIANBO-TRA3H Datasheet
1Mb / 3P
   au-clad contact available
logo
List of Unclassifed Man...
IXTH12N100Q ETC2-IXTH12N100Q Datasheet
9Kb / 1P
   Not for New Designs: Contact the factory for lead times (part is still available for purchase).
logo
Toshiba Semiconductor
TMPA8893CRCNG7D65 TOSHIBA-TMPA8893CRCNG7D65 Datasheet
407Kb / 18P
   8893CRCNG7D65 Factory Factory Factory Factory adjust manual
logo
List of Unclassifed Man...
FM-12D ETC1-FM-12D Datasheet
186Kb / 1P
   High output, Two Voltage ranges available, Continuous ans pulsing tones
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com