Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS103VD Datasheet(PDF) 2 Page - TT Electronics.

Part # SS103VD
Description  Voltage divider circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SS103VD Datasheet(HTML) 2 Page - TT Electronics.

  SS103VD Datasheet HTML 1Page - TT Electronics. SS103VD Datasheet HTML 2Page - TT Electronics. SS103VD Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nichrome Resistor Networks
on Silicon Substrates
SS103VD and SFN06VD series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
10.13
Environmental (Mil-R-83401)
Power Derating Curve
Mechanical
Thermal Shock plus Power Conditioning
ΔR 0.25%
Short Time Overload
ΔR 0.1%
Moisture Resistance
ΔR 0.2%
Mechanical Shock
ΔR 0.25%
Vibration
ΔR 0.25%
Low Temperature Operation
ΔR 0.1%
High Temperature Exposure
ΔR 0.1%
Resistance to Solder Heat
ΔR 0.05%
Marking Permanency
Per MIL-STD-202, Method 215
Storage Temperature Range
-55°C to +125°C
Lead Plating
100 matte Tin (RoHS)
Lead Material
Copper Alloy
Lead Configurations (SLP/SS1)
No lead, Gull Wing
Lead Coplanarity (SS1 only)
0.003” (0.102 mm)
Substrate Material
Silicon
Resistor Material
Passivated Nichrome
Body Material
Molded Epoxy
Package Types
6 pad SON 2mm square, 3 lead SOT23
Temperature Coefficient of Resistance (TCR)
TCR Code (-55°C to 125°C)
Q
P
S
L
Absolute (ppm/°C)
± 25
± 50
± 100
± 200
Tracking (R1 Ref) (ppm/°C)
± 5
± 5
N/A
N/A
OBSOLETE


Similar Part No. - SS103VD

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SS103 CHENDA-SS103 Datasheet
836Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS103 YFWDIODE-SS103 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SS103 YIXIN-SS103 Datasheet
237Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SS103 RFE-SS103 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-26-2022
logo
Diotech Company.
SS1030 DIOTECH-SS1030 Datasheet
613Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS103VD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM5368 NSC-MM5368 Datasheet
152Kb / 3P
   CMOS OSCILLATOR DIVIDER CIRCUIT
logo
NTE Electronics
NTE1198 NTE-NTE1198 Datasheet
21Kb / 2P
   Integrated Circuit CMOS Frequency Divider
NTE1199 NTE-NTE1199 Datasheet
24Kb / 2P
   Integrated Circuit CMOS Frequency Divider
logo
Analog Devices
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
logo
IET Labs Inc.
KVD-500 IET-KVD-500 Datasheet
329Kb / 2P
   Kelvin-Varley Voltage Divider
04-13-2011
logo
TE Connectivity Ltd
SG1 TEC-SG1 Datasheet
1Mb / 7P
   Voltage Divider Output Signal
logo
Vishay Siliconix
CDHV2512 VISHAY-CDHV2512 Datasheet
107Kb / 3P
   High Voltage Chip Divider
Revision: 18-Nov-05
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
   precision voltage divider networks
logo
IET Labs Inc.
KVD-700 IET-KVD-700 Datasheet
960Kb / 1P
   Kelvin-Varley Voltage Divider
logo
KOA Speer Electronics, ...
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com