Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1618391-0 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 4-1618391-0
Description  with 1 form X contacts rated 100A continuous
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1618391-0 Datasheet(HTML) 4 Page - Tyco Electronics

  4-1618391-0 Datasheet HTML 1Page - Tyco Electronics 4-1618391-0 Datasheet HTML 2Page - Tyco Electronics 4-1618391-0 Datasheet HTML 3Page - Tyco Electronics 4-1618391-0 Datasheet HTML 4Page - Tyco Electronics 4-1618391-0 Datasheet HTML 5Page - Tyco Electronics 4-1618391-0 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
KILOVAC LEV100
Series 900 Vdc
Contactor
Tyco Electronics I LEV100
DESCRIPTION
Lowest cost, 900 Vdc 100 amp, hermetically sealed DC contactor in the indus-
try
Compact package available in side- or bottom-mount configurations,
not position sensitive
APPLICATIONS
Power/motor control circuit isolation, circuit protection and safety
in industrial machinery
Automotive battery switching and backup
MECHANICAL
Compact epoxy-sealed resin enclosure occupies only about 4 in
3
(65.5 cm
3)
Robust integral mounting plate on either bottom or side of enclosure
accepts two M4 screws
Inert gas filled contact chamber
Flying leads for coil connections
Load terminals threaded for M5 bolts (not included)
LOAD LIFE VS. RESISTIVE POWER SWITCHING
KEY FEATURES
Hermetically sealed —
intrinsically safe. Operates
in explosive/harsh environ-
ments without oxidation or
contamination of contacts,
including long periods of
non-operation
8kV isolation between
open contacts permits use
for high voltage isolation
and carry
12, 24 and 48 Vdc coils
Designed and built in
accordance to AIAG
QS9000
RoHS
Ready


Similar Part No. - 4-1618391-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1618391-0 TEC-4-1618391-0 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
More results

Similar Description - 4-1618391-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
logo
Tyco Electronics
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
LEV200A4NAF MACOM-LEV200A4NAF Datasheet
300Kb / 3P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
logo
TE Connectivity Ltd
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
   CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
   3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
   3 x 2 x 1 Inch Form Factor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com