Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1721129-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 1-1721129-3
Description  n Meet 5000V dielectric voltage between coil and contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1721129-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  1-1721129-3 Datasheet HTML 1Page - TE Connectivity Ltd 1-1721129-3 Datasheet HTML 2Page - TE Connectivity Ltd 1-1721129-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
OEG
General Purpose Relays
PCB Relays
Power PCB relay OMI/OMIH (Continued)
Product code
Version
Contact
Cont.material Coil power
Coil voltage
Sealing
Part number
OMI-SS-105DM1
10A
1 form A (NO)
AgSnO
720mW
5VDC
Flux proof
1721129-3
OMI-SS-112DM1
12VDC
1721129-9
OMI-SS-124DM1
24VDC
1-1721129-3
OMI-SS-105LM1
540mW
5VDC
1721129-4
OMI-SS-112LM1
12VDC
1-1721129-0
OMI-SS-124LM1
24VDC
1-1721129-4
OMI-SS-105D1
1 form C (CO)
720mW
5VDC
1721130-3
OMI-SS-112D1
12VDC
1721130-9
OMI-SS-124D1
24VDC
1-1721130-3
OMI-SS-105L1
540mW
5VDC
1721130-4
OMI-SS-112L1
12VDC
1-1721130-0
OMI-SS-124L1
24VDC
1-1721130-4
OMI-SH-105DM1
1 form A (NO)
720mW
5VDC
Wash tight
1-1721129-9
OMI-SH-112DM1
12VDC
2-1721129-5
OMI-SH-124DM1
24VDC
2-1721129-9
OMI-SH-105LM1
540mW
5VDC
2-1721129-0
OMI-SH-112LM1
12VDC
2-1721129-6
OMI-SH-124LM1
24VDC
3-1721129-0
OMI-SH-105D1
1 form C (CO)
720mW
5VDC
1-1721130-9
OMI-SH-112D1
12VDC
2-1721130-5
OMI-SH-124D1
24VDC
2-1721130-9
OMI-SH-105L1
540mW
5VDC
2-1721130-0
OMI-SH-112L1
12VDC
2-1721130-6
OMI-SH-124L1
24VDC
3-1721130-0
OMIH-SS-105DM,300
16A
1 form A (NO)
720mW
5VDC
Flux proof
1461022-5
OMIH-SS-112DM,300
12VDC
8-1440000-4
OMIH-SS-124DM,300
24VDC
8-1440000-9
OMIH-SS-105LM,300
540mW
5VDC
2-1419153-1
OMIH-SS-112LM,300
12VDC
8-1440000-6
OMIH-SS-124LM,300
24VDC
2-1419153-2
OMIH-SS-105D1,300
1 form C (CO)
720mW
5VDC
1721535-1
OMIH-SS-112D1,300
12VDC
1721535-4
OMIH-SS-124D1,300
24VDC
1721535-7
OMIH-SS-105L1,300
540mW
5VDC
1721535-2
OMIH-SS-112L1,300
12VDC
1721535-5
OMIH-SS-124L1,300
24VDC
1721535-8
OMIH-SH-105DM,394
1 form A (NO)
720mW
5VDC
Wash tight
1-1461373-5
OMIH-SH-112DM,394
12VDC
1-1461373-8
OMIH-SH-124DM,394
24VDC
1-1461373-9
OMIH-SH-105LM,394
540mW
5VDC
6-1440000-7
OMIH-SH-112LM,394
12VDC
7-1440000-1
OMIH-SH-124LM,394
24VDC
1461373-3
OMIH-SH-105D1,300
1 form C (CO)
720mW
5VDC
1-1721535-1
OMIH-SH-112D1,300
12VDC
1-1721535-4
OMIH-SH-124D1,300
24VDC
1-1721535-7
OMIH-SH-105L1,300
540mW
5VDC
1-1721535-2
OMIH-SH-112L1,300
12VDC
1-1721535-5
OMIH-SH-124L1,300
24VDC
1-1721535-8


Similar Part No. - 1-1721129-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1721133-0 TEC-1-1721133-0 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1721133-0 TEC-1-1721133-0 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1721133-1 TEC-1-1721133-1 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1721133-1 TEC-1-1721133-1 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1721133-2 TEC-1-1721133-2 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
More results

Similar Description - 1-1721129-3

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CC MERITEK-CC Datasheet
337Kb / 6P
   dielectric layer between two electrodes.
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
   High isolation voltage between input and output
logo
PHOENIX CONTACT
PLC-RSP-60DC PHOENIX-PLC-RSP-60DC Datasheet
110Kb / 7P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG10-2-LCU PHOENIX-EMG10-2-LCU Datasheet
61Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG10-REL PHOENIX-EMG10-REL Datasheet
76Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
logo
Omron Electronics LLC
G2R-1A-E-DC24 OMRON-G2R-1A-E-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
logo
PHOENIX CONTACT
EMG10-21-LCU PHOENIX-EMG10-21-LCU Datasheet
76Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-60 PHOENIX-EMG22-KSR-60 Datasheet
61Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
EMG22-KSR-230 PHOENIX-EMG22-KSR-230 Datasheet
60Kb / 4P
   Safe isolation according to DIN EN 50178 between coil and contact
logo
Omron Electronics LLC
G2R-1A-E-T130-DC24 OMRON-G2R-1A-E-T130-DC24 Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con - tact.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com