Electronic Components Datasheet Search |
|
1-1721956-7 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
1-1721956-7 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
2 / 3 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 SCHRACK General Purpose Relays PCB Relays Miniature PCB Relay ORWH (Continued) Product code structure Typical product code ORWH -SH -1 12 D M 1 F WG ,000 Type ORWH Miniature PCB Relay ORWH Category of protection SS Flux proof SH Wash tight Number of poles 1 1 pole Coil voltage Coil code: please refer to coil versions table (e.g. 12 = 12VDC) Coil version D Standard H High temperature type Contact arrangement Blank 1 form C, 1 CO M 1 form A, 1 NO Contact material Blank AgCdo 1 AgZnO 5 AgZnO + Au plating 3 AgNi 7 AgNi + Au plating Insulation system designation Blank Class 105 (A) B Class 120 (B) F F = Class 155 (F) Option material Blank Standard H Insulation plate use type WG For domestic appliances (IEC 60335-1, 4 Edition); Suffix ,000 Standard Dimensions PCB layout Bottom view on solder pins 439 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 (PDF Rev. 3-04) Wiring Diagram (Bottom View) Outline Dimensions PC Board Layout (Bottom View) Ordering Information Typical Part Number B ORWH -SS -1 12 D M ,N000 1. Basic Series: ORWH = Miniature Power PC board relay. 2. Enclosure: SS = Vented (flux-tight)* plastic case. SH = Sealed plastic case 3. Number of Poles: 1 = 1 pole 4. Coil Voltage: 03 = 3VDC 06 = 6VDC 12 = 12VDC 48 = 48VDC 05 = 5VDC 09 = 9VDC 24 = 24VDC 5. Coil Input: D = Standard 6. Contact Arrangement: Blank = 1 Form C, SPDT M = 1 Form A, SPST-NO 7. Option: ,N000= Standard model. Other Suffix = Custom model. * Not suitable for immersion cleaning .622 ± .02 (15.8 ± .5) .61 ± .012 (15.5 ± .3) .748 ± .012 (19.0 ± .3) .157 ± .008 (4.0 ± .2) TERMINAL DIMENSIONS: COIL: 0.024 (0.6) DIA. LOAD: 0.12 x 0.35 (0.3 x 0.9) .48 ± .004 (12.2 ± .1) 5 – .05 DIA (1.3) .236 ± .004 (6.0 ± .1) .079 ± .004 (2.0 ± .1) .236 ± .004 (6.0 ± .1) ORWH-SH-112DM,N000 ORWH-SH-124DM,N000 ORWH-SH-105D,N000 ORWH-SH-106D,N000 Ourauthorizeddistributorsaremorelikelytomaintainthefollowingitemsinstockforimmediatedelivery. Note: Only necessary terminals are present on 1 Form A models. ORWH-SH-109D,N000 ORWH-SH-112D,N000 ORWH-SH-124D,N000 ORWH-SH-148D,N000 ORWH-SS-112DM,N000 ORWH-SS-124DM,N000 ORWH-SS-148DM,N000 ORWH-SS-105D,N000 ORWH-SS-106D,N000 ORWH-SS-109D,N000 ORWH-SS-112D,N000 ORWH-SS-124D,N000 ORWH-SS-148D,N000 Socket .167 MAX. (4.25) .270 MAX. (6.85) .916 MAX. (23.35) .660 MAX. (16.75) .016 TYP. (.40) 27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and Canada. Designed to fit same suggested board layout as relay. 439 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 (PDF Rev. 3-04) Wiring Diagram (Bottom View) Outline Dimensions PC Board Layout (Bottom View) Ordering Information Typical Part Number B ORWH -SS -1 12 D M ,N000 1. Basic Series: ORWH = Miniature Power PC board relay. 2. Enclosure: SS = Vented (flux-tight)* plastic case. SH = Sealed plastic case 3. Number of Poles: 1 = 1 pole 4. Coil Voltage: 03 = 3VDC 06 = 6VDC 12 = 12VDC 48 = 48VDC 05 = 5VDC 09 = 9VDC 24 = 24VDC 5. Coil Input: D = Standard 6. Contact Arrangement: Blank = 1 Form C, SPDT M = 1 Form A, SPST-NO 7. Option: ,N000= Standard model. Other Suffix = Custom model. * Not suitable for immersion cleaning .622 ± .02 (15.8 ± .5) .61 ± .012 (15.5 ± .3) .748 ± .012 (19.0 ± .3) .157 ± .008 (4.0 ± .2) TERMINAL DIMENSIONS: COIL: 0.024 (0.6) DIA. LOAD: 0.12 x 0.35 (0.3 x 0.9) .48 ± .004 (12.2 ± .1) 5 – .05 DIA (1.3) .236 ± .004 (6.0 ± .1) .079 ± .004 (2.0 ± .1) .236 ± .004 (6.0 ± .1) ORWH-SH-112DM,N000 ORWH-SH-124DM,N000 ORWH-SH-105D,N000 ORWH-SH-106D,N000 Ourauthorizeddistributorsaremorelikelytomaintainthefollowingitemsinstockforimmediatedelivery. Note: Only necessary terminals are present on 1 Form A models. ORWH-SH-109D,N000 ORWH-SH-112D,N000 ORWH-SH-124D,N000 ORWH-SH-148D,N000 ORWH-SS-112DM,N000 ORWH-SS-124DM,N000 ORWH-SS-148DM,N000 ORWH-SS-105D,N000 ORWH-SS-106D,N000 ORWH-SS-109D,N000 ORWH-SS-112D,N000 ORWH-SS-124D,N000 ORWH-SS-148D,N000 Socket .167 MAX. (4.25) .270 MAX. (6.85) .916 MAX. (23.35) .660 MAX. (16.75) .016 TYP. (.40) 27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and Canada. Designed to fit same suggested board layout as relay. Terminal assignment Bottom view on solder pins 439 Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OEG Catalog 1308242 Issued 3-03 (PDF Rev. 3-04) Wiring Diagram (Bottom View) Outline Dimensions PC Board Layout (Bottom View) Ordering Information Typical Part Number B ORWH -SS -1 12 D M ,N000 1. Basic Series: ORWH = Miniature Power PC board relay. 2. Enclosure: SS = Vented (flux-tight)* plastic case. SH = Sealed plastic case 3. Number of Poles: 1 = 1 pole 4. Coil Voltage: 03 = 3VDC 06 = 6VDC 12 = 12VDC 48 = 48VDC 05 = 5VDC 09 = 9VDC 24 = 24VDC 5. Coil Input: D = Standard 6. Contact Arrangement: Blank = 1 Form C, SPDT M = 1 Form A, SPST-NO 7. Option: ,N000= Standard model. Other Suffix = Custom model. * Not suitable for immersion cleaning .622 ± .02 (15.8 ± .5) .61 ± .012 (15.5 ± .3) .748 ± .012 (19.0 ± .3) .157 ± .008 (4.0 ± .2) TERMINAL DIMENSIONS: COIL: 0.024 (0.6) DIA. LOAD: 0.12 x 0.35 (0.3 x 0.9) .48 ± .004 (12.2 ± .1) 5 – .05 DIA (1.3) .236 ± .004 (6.0 ± .1) .079 ± .004 (2.0 ± .1) .236 ± .004 (6.0 ± .1) ORWH-SH-112DM,N000 ORWH-SH-124DM,N000 ORWH-SH-105D,N000 ORWH-SH-106D,N000 Ourauthorizeddistributorsaremorelikelytomaintainthefollowingitemsinstockforimmediatedelivery. Note: Only necessary terminals are present on 1 Form A models. ORWH-SH-109D,N000 ORWH-SH-112D,N000 ORWH-SH-124D,N000 ORWH-SH-148D,N000 ORWH-SS-112DM,N000 ORWH-SS-124DM,N000 ORWH-SS-148DM,N000 ORWH-SS-105D,N000 ORWH-SS-106D,N000 ORWH-SS-109D,N000 ORWH-SS-112D,N000 ORWH-SS-124D,N000 ORWH-SS-148D,N000 Socket .167 MAX. (4.25) .270 MAX. (6.85) .916 MAX. (23.35) .660 MAX. (16.75) .016 TYP. (.40) 27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and Canada. Designed to fit same suggested board layout as relay. |
Similar Part No. - 1-1721956-7 |
|
Similar Description - 1-1721956-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |