Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ12RD8S Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ12RD8S
Description  0.8A OUTPUT LOW POWER LOSS VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12RD8S Datasheet(HTML) 7 Page - Sharp Corporation

  PQ12RD8S Datasheet HTML 1Page - Sharp Corporation PQ12RD8S Datasheet HTML 2Page - Sharp Corporation PQ12RD8S Datasheet HTML 3Page - Sharp Corporation PQ12RD8S Datasheet HTML 4Page - Sharp Corporation PQ12RD8S Datasheet HTML 5Page - Sharp Corporation PQ12RD8S Datasheet HTML 6Page - Sharp Corporation PQ12RD8S Datasheet HTML 7Page - Sharp Corporation PQ12RD8S Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
119
Low Power-Loss Voltage Regulators
PQ05RD08 Series/PQ3RD083/PQ6RD083
s Typical Application
CO
VIN
Cin
+
Vo
ON/OFF signal
High or Open: output ON
Low: Output OFF
1
2
3
4
Fig.29 Output Peak Current vs. Junction
Temperature
–25
0
50
25
100
75
125
1.2
1.6
0.8
0.4
IOP:Output current when
output voltage is 95% in
comparison with the initial value
0
Junction temperature Tj (˚C)
VI–O=5V
1V
2V
0.5V
10V


Similar Part No. - PQ12RD8S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ12RD11 SHARP-PQ12RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ12RD11 SHARP-PQ12RD11 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ12RD21 SHARP-PQ12RD21 Datasheet
21Kb / 2P
   Low Power-Loss Voltage Regulator
PQ12RD21 SHARP-PQ12RD21 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ12RD8S

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
   Variable Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ3RF43 SHARP-PQ3RF43 Datasheet
30Kb / 4P
   3.3V/4.6V Output Low Power-Loss Voltage Regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
RXXLD30 ETL-RXXLD30 Datasheet
110Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com