Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2806-4-F3 Datasheet(PDF) 9 Page - NEC

Part # PS2806-4-F3
Description  HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE SOP OPTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2806-4-F3 Datasheet(HTML) 9 Page - NEC

  PS2806-4-F3 Datasheet HTML 1Page - NEC PS2806-4-F3 Datasheet HTML 2Page - NEC PS2806-4-F3 Datasheet HTML 3Page - NEC PS2806-4-F3 Datasheet HTML 4Page - NEC PS2806-4-F3 Datasheet HTML 5Page - NEC PS2806-4-F3 Datasheet HTML 6Page - NEC PS2806-4-F3 Datasheet HTML 7Page - NEC PS2806-4-F3 Datasheet HTML 8Page - NEC PS2806-4-F3 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PS2806-1, PS2806-4
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
Peak reflow temperature
235 ˚C (package surface temperature)
Time of temperature higher than 210 ˚C
30 seconds or less
Number of reflows
Three
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt % is
recommended).
(2) Dip soldering
Temperature
260 ˚C or below (molten solder temperature)
Time
10 seconds or less
Number of times
One
Flux
Rosin flux containing small amount of chlorine (The flux
with a maximum chlorine content of 0.2 Wt % is recommended).
(3) Cautions
•Fluxes
Avoid removing the residual flux with chlorine-based cleaning solvent after a reflow process.
CAUTIONS REGARDING NOISE
Be aware that when voltage is applied suddenly between the photocoupler's input and output or between corrector-emitters at
start-up, the output side may enter the on state, even if the voltage is within the absolute maximum ratings.
Time (s)
100 to 160 ˚C
60 to 120 s
(preheating)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
210 ˚C
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
02/06/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.


Similar Part No. - PS2806-4-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2806-4-F3 CEL-PS2806-4-F3 Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2806-4-F3 RENESAS-PS2806-4-F3 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-F3-A CEL-PS2806-4-F3-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results

Similar Description - PS2806-4-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1 Datasheet
279Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE
Nov 4, 2022
logo
California Eastern Labs
PS2802-1 CEL-PS2802-1 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1 NEC-PS2802-1 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2607 CEL-PS2607 Datasheet
129Kb / 4P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
logo
NEC
PS2805-1 NEC-PS2805-1 Datasheet
135Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PS2603 NEC-PS2603 Datasheet
119Kb / 4P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
California Eastern Labs
PS2603 CEL-PS2603 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE 6 PIN OPTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com