Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED50W-042 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED50W-042
Description  Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED50W-042 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED50W-042 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED50W-042 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED50W-042 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-50W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<20.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.50 Amps max
Maximum Power:
50W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ Full Load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C (3330mA and 15V, 88°C)
(4200mA and 12V, 78°C)
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
474,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED50W-142-C0350-XX
350
47-142
49.7
89%
LED50W-111-C0450-XX
450
37-111
49.9
89%
LED50W-072-C0530-XX
530
24-72
38.1
88%
LED50W-072-C0700-XX
700
24-72
50
88%
LED50W-060-C0830-XX
830
20-60
49.8
88%
LED50W-048-C1050-XX
1050
16-48
50
88%
LED50W-042-C1190-XX
1190
14-42
50
87%
LED50W-040-C1250-XX
1250
13-40
50
87%
LED50W-036-C1400-XX
1400
12-36
50
87%
LED50W-029-C1750-XX
1750
9-29
50
87%
LED50W-024-C2100-XX
2100
8-24
50
87%
LED50W-020-C2500-XX
2500
7-20
50
87%
LED50W-018-C2800-XX
2800
6-18
50
86%
LED50W-015-C3330-XX
3330
5-15
49.9
85%
LED50W-012-C4200-XX
4200
4-12
50
84%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED50W-012
12
1050-4200
50
84%
LED50W-015
15
833-3330
49.9
85%
LED50W-018
18
700-2800
50
86%
LED50W-020
20
625-2500
50
87%
LED50W-024
24
525-2100
50
87%
LED50W-029
29
438-1750
50
87%
LED50W-036
36
350-1400
50
87%
LED50W-040
40
313-1250
50
87%
LED50W-042
42
298-1190
50
87%
LED50W-048
48
263-1050
50
88%
LED50W-060
60
208-830
49.8
88%
LED50W-072
72
175-700
50
88%
LED50W-111
111
113-450
49.9
89%
LED50W-142
142
88-350
49.7
89%
Class 2:
US/Canada
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
E332160
Sign Components Manual
• Total Power: 50 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL8750
• UL Sign Components Manual (S.A.M. Models)
Rev 10-13-16
IndicatesS.A.M.


Similar Part No. - LED50W-042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED50W-042 ETC2-LED50W-042 Datasheet
827Kb / 4P
   Switch Mode LED Drivers
LED50W-042-C1190-XX ETC2-LED50W-042-C1190-XX Datasheet
827Kb / 4P
   Switch Mode LED Drivers
More results

Similar Description - LED50W-042

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com