Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7EU Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # W7EU
Description  Embedded USB
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W7EU Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button W7EU Datasheet HTML 3Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 4Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 5Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 6Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 7Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 8Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 9Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 10Page - List of Unclassifed Manufacturers W7EU Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
W7EU Series
Embedded USB Specification Rev 1.10
7
Physical Dimensions:
Wintec’s Embedded USB module has the following dimensions.
eUSB Physical Specification
Low Profile
Standard
Ultra High
Right Angle
PCB length
1.45in. (36.9mm)
1.45in. (36.9mm)
1.45in. (36.9mm)
1.45in. (36.9mm)
PCB width
1.05in. (26.6mm)
1.05in. (26.6mm)
1.05in. (26.6mm)
1.05in. (26.6mm)
Connector pitch
0.08in. (2.00mm)
0.10in. (2.54mm)
0.10in. (2.54mm)
0.10in. (2.54mm)
Mounted
connector height
0.110in. (2.80mm)
0.291in. (7.4mm)
0.385in. (9.78mm)
0.334in. (8.50mm)
Table 3 – Physical Dimensions
Low Profile
Standard
Ultra High
Right Angle
Mechanical Profile – Side View:
Note: PCB thickness is 40 mils ± 4 mils (1 ± 0.1”)
Figure 2
Controller
Chip
Flash Chip
Conn
PCB
1 ± 0.1 mm (0.04 ± 0.004”)
1.2 mm (0.048”)
1.6 mm (0.064”)
3.68mm


Similar Part No. - W7EU

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
W7ED OMRON-W7ED Datasheet
1Mb / 8P
   Touch Sensor
W7ED-11F OMRON-W7ED-11F Datasheet
1Mb / 8P
   Touch Sensor
W7ED-11L OMRON-W7ED-11L Datasheet
1Mb / 8P
   Touch Sensor
W7ED-12F OMRON-W7ED-12F Datasheet
1Mb / 8P
   Touch Sensor
W7ED-12L OMRON-W7ED-12L Datasheet
1Mb / 8P
   Touch Sensor
More results

Similar Description - W7EU

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
logo
Micron Technology
MTEDCBE002SAJ MICRON-MTEDCBE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCAE002SAJ MICRON-MTEDCAE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
logo
Micron Technology
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCBR002SAJ MICRON-MTEDCBR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
ATMEL Corporation
AT43USB325 ATMEL-AT43USB325_05 Datasheet
1Mb / 109P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com