Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W7EU002Gtuv(I) Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # W7EU002Gtuv(I)
Description  Embedded USB
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W7EU002Gtuv(I) Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  W7EU002Gtuv(I) Datasheet HTML 1Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 2Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 3Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 4Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 5Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 6Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 7Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 8Page - List of Unclassifed Manufacturers W7EU002Gtuv(I) Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
W7EU Series
Embedded USB Specification Rev 1.10
4
Features:
GENERAL
Embedded USB 2.0 Device
SLC NAND type flash
5V operational voltage
Low profile
RoHS Compliant
PERFORMANCE
High performance SLC NAND
Dual Channel - seq. RD/WR up to 32/27 MB/s
Single channel version - seq. RD/WR up to 20/20 MB/s
Low Power consumption
RELIABILITY
No moving parts
Capable of withstanding high impact and vibration shocks
Built-in hardware engine 8/15 bits BCH ECC per 1K bytes
Endurance up to 1,000,000 Write/Erase cycles
10 year typical data retention
COMPATIBILITY
Fully compatible with USB 2.0 and backward compatible with USB 1.1 specification
USB Mass Storage Class Specification 1.0
10 Pin 2x5 USB Socket with 2mm or 2.54mm pitch
Description:
The Wintec Embedded USB Flash Drive is a robust and reliable high performance storage and backup
solution in a compact form factor. Fully USB 2.0 compatible with high data transfer rates. Superior
reliability is achieved by using high quality SLC NAND and featuring extensive error correcting
capabilities of 8/15 bits per 528 byte sector. Available in capacities from 512MB to 16GB (32GB capacities
available using MLC NAND). Wintec’s W7EU series embedded USB flash drives are ideal for embedded
applications demanding high performance and reliability.


Similar Part No. - W7EU002Gtuv(I)

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
W7ED OMRON-W7ED Datasheet
1Mb / 8P
   Touch Sensor
W7ED-11F OMRON-W7ED-11F Datasheet
1Mb / 8P
   Touch Sensor
W7ED-11L OMRON-W7ED-11L Datasheet
1Mb / 8P
   Touch Sensor
W7ED-12F OMRON-W7ED-12F Datasheet
1Mb / 8P
   Touch Sensor
W7ED-12L OMRON-W7ED-12L Datasheet
1Mb / 8P
   Touch Sensor
More results

Similar Description - W7EU002Gtuv(I)

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
logo
Micron Technology
MTEDCBE002SAJ MICRON-MTEDCBE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCAE002SAJ MICRON-MTEDCAE002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
logo
Micron Technology
MTEDCAR002SAJ MICRON-MTEDCAR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
MTEDCBR002SAJ MICRON-MTEDCBR002SAJ Datasheet
216Kb / 11P
   Embedded USB Mass Storage Drive
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
ATMEL Corporation
AT43USB325 ATMEL-AT43USB325_05 Datasheet
1Mb / 109P
   Multimedia USB Keyboard Controller with Embedded Hub
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com