Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847C Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BC847C
Description  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC847C Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BC847C Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC847C Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC847C Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC847C Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC847C Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120703
BC846 Thru BC850 Series
General Purpose Transistors
NPN Silicon
MAXIMUM RATINGS
BC847
BC848
Rating
Symbol
BC846
BC850
BC849
Unit
Collector–Emitter Voltage
V CEO
65
45
30
V
Collector–Base Voltage
V CBO
80
50
30
V
Emitter–Base Voltage
V EBO
6.0
6.0
5.0
V
Collector Current — Continuous
I C
100
100
100
mAdc
Collector Current(Peak value)
I CM
200
200
200
mAdc
Emitter Current(Peak value)
I EM
200
200
200
mAdc
Base Current(Peak value)
I BM
200
200
200
mAdc
SOLDERING CHARACTERISTICS
Characteristic
Symbol
Unit
Solder Heat Resistance
265
°C
Solderability
240 to 265
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθθθθθJA
556
°C/W
Total Device Dissipation
PD
Alumina Substrate, (2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθθθθθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
DEVICE MARKING
BC846= 1A; BC846B = 1B; BC847A = 1E; BC847B = 1F;
BC847C= 1G; BC848A= 1J; BC848B= 1K; BC848C= 1L;BC850C= 2G
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC846A,B
65
(IC = 10 mA)
BC847A,B,C, BC850B,C
V(BR)CEO
45
v
BC848A,B,C, BC849B,C
30
Collector–Emitter Breakdown Voltage
BC846A,B
80
(IC = 10 µA, VEB = 0)
BC847A,B,C, BC850B,C
V(BR)CES
50
v
BC848A,B,C, BC849B,C
30
Collector–Base Breakdown Voltage
BC846A,B
80
(IC = 10 µA)
BC847A,B,C, BC850B,C
V(BR)CBO
50
v
BC848A,B,C, BC849B,C
30
Emitter–Base Breakdown Voltage
BC846A,B
BC847A,B,C
6.0
(IE = 1.0 µA)
BC848A,B,C, BC849B,C,
V(BR)EBO
5.0
BC850B,C
5.0
Collector Cutoff Current
(VCB = 30 V)
ICBO
——
15
nA
(VCB = 30 V, TA = 150°C)
5.0
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
COLLECTOR
1
BASE
SOT–23 (TO–236AB)
1
2
3
H


Similar Part No. - BC847C

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
BC847C OLITECH-BC847C Datasheet
619Kb / 3P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC847C PHILIPS-BC847C Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Rectron Semiconductor
BC847C RECTRON-BC847C Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
logo
Weitron Technology
BC847C WEITRON-BC847C Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
BC847C SECOS-BC847C Datasheet
307Kb / 3P
   BC846A
More results

Similar Description - BC847C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com