Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857CDW Datasheet(PDF) 5 Page - Yea Shin Technology Co., Ltd

Part # BC857CDW
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC857CDW Datasheet(HTML) 5 Page - Yea Shin Technology Co., Ltd

  BC857CDW Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC857CDW Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC857CDW Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC857CDW Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC857CDW Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC857CDW Datasheet HTML 6Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
http://www.yeashin.com
5
REV.02 20120903
DEVICE CHARACTERISTICS
SINGLE PULSE
t 1
Z
θJA (t) = r(t) R θJA
R
θJA = 328°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk) – T C = P (pk) R
θJC (t)
t 2
P (pk)
DUTY CYCLE, D = t 1 /t 2
D=0.5
0.2
0.1
0.05
0.02
0.01
t, TIME (ms)
Figure 13. Thermal Response
0
1.0
10
100
1.0K
10K
100K
1.0M
1.0
0.1
0.01
0.001
-200
-100
-50
-10
-5.0
-2.0
-1.0
-5.0
-10
-30
-45
-65
-100
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 14. Active Region Safe Operating Area
The safe operating area curves indicate I C –V CE limits of
thetransistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 14 is based upon T J(pk) = 150°C; T C or
T A is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided T J(pk) < 150°C. T J
(pk) may be calculated from the data in Figure 13. At high
case or ambient temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by the secondary breakdown.
BC85xBDW/CDW Series


Similar Part No. - BC857CDW

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
BC857CDW GWSEMI-BC857CDW Datasheet
532Kb / 3P
   Plastic-Encapsulate Transistors
logo
Leshan Radio Company
BC857CDW1T1 LRC-BC857CDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
ON Semiconductor
BC857CDW1T1 ONSEMI-BC857CDW1T1 Datasheet
106Kb / 6P
   Dual General Purpose Transistors
January, 2004 ??Rev. 3
logo
E-Tech Electronics LTD
BC857CDW1T1 ETL-BC857CDW1T1 Datasheet
469Kb / 5P
   Dual General Purpose Transistors
logo
ON Semiconductor
BC857CDW1T1G ONSEMI-BC857CDW1T1G Datasheet
178Kb / 6P
   Dual General Purpose Transistors
October, 2009 ??Rev. 7
More results

Similar Description - BC857CDW

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com