Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1212DB0-M5T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1212DB0-M5T1U
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1212DB0-M5T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1212DB0-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1212DB0-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.0_00
S-1212B/D Series
3
Product Name Structure
Users can select the output voltage and package type for the S-1212B/D Series. Refer to "1. Product name" regarding
the contents of product name, "2. Function list of product types" regarding the product type, "3. Packages"
regarding the package drawings and "4. Product name list" for details of product names.
1. Product name
S-1212 x xx - xxxx U
Package abbreviation and IC packing specifications
*1
V5T2: TO-252-5S(A), Tape
E8T1: HSOP-8A, Tape
E6T1: HSOP-6, Tape
U5T1: SOT-89-5, Tape
S8T1: HTMSOP-8, Tape
M5T1: SOT-23-5, Tape
Set output voltage
25 to G0
(e.g., when the set output voltage is 2.5 V, it is expressed as 25.
when the set output voltage is 10.0 V, it is expressed as A0.
when the set output voltage is 11.0 V, it is expressed as B0.
when the set output voltage is 16.0 V, it is expressed as G0.)
Product type
*2
B, D
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "2. Function list of product types" and "3. ON / OFF pin" in " Operation".
2. Function list of product types
Table 1
Product Type
ON / OFF Logic
ON / OFF Pin Input Voltage "H" ON / OFF Pin Input Voltage "L"
B
Active "H"
1.5 V min.
0.25 V max.
D
Active "H"
2.0 V min.
0.8 V max.
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
TO-252-5S(A)
VA005-A-P-SD
VA005-A-C-SD
VA005-A-R-SD
VA005-A-L-SD
HSOP-8A
FH008-A-P-SD
FH008-A-C-SD
FH008-A-R-SD
FH008-A-L-SD
HSOP-6
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-S1
SOT-89-5
UP005-A-P-SD
UP005-A-C-SD
UP005-A-R-SD
HTMSOP-8
FP008-A-P-SD
FP008-A-C-SD
FP008-A-R-SD
FP008-A-L-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD


Similar Part No. - S-1212DB0-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1212D33-E6T1U SII-S-1212D33-E6T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-E8T1U SII-S-1212D33-E8T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-M5T1U SII-S-1212D33-M5T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-S8T1U SII-S-1212D33-S8T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-U5T1U SII-S-1212D33-U5T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1212DB0-M5T1U

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com