Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6043157 Datasheet(PDF) 4 Page - SICK AG

Part # 6043157
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6043157 Datasheet(HTML) 4 Page - SICK AG

  6043157 Datasheet HTML 1Page - SICK AG 6043157 Datasheet HTML 2Page - SICK AG 6043157 Datasheet HTML 3Page - SICK AG 6043157 Datasheet HTML 4Page - SICK AG 6043157 Datasheet HTML 5Page - SICK AG 6043157 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PFT-SAB1X6AN1SEAA3SSZ | PFT
PRESSURE SENSORS
¼'' NPT
27
(1.06)
1/4NPT
Connection type
L+/ Q
A
3
2
1
M
-
+
+
-
L+
M
Q
A
2
1
1
-
+
-
+
M
4
2
3
L+/ Q
A
1
-
+
-
+
M
4
2
3
L+
Q
A
L+/Q
A
M
-
+
+
-
brn
grn
L+
M
+
-
+
-
brn
grn
wht
Q
A
2 wire
3 wire
L-connector
(DIN EN 175301-803 A
Flying leads
Power supply
Load
3
-
+
+
-
M12 x 1, 4-pin
Recommended accessories
Other models and accessories
www.sick.com/PFT
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket for simple and stable wall mounting of pressure sensors with 27 mm
hexagon, Aluminum
BEF-FL-ALUPBS-HLDR
5322501
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1204-G02M
6009382
Head A: female connector, M12, 4-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1204-G02MC
6025900
4
FLUID SENSORS | SICK
Online data sheet | 2016-08-17 15:00:09
Subject to change without notice


Similar Part No. - 6043157

ManufacturerPart #DatasheetDescription
logo
SICK AG
6043150 SICK-6043150 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043151 SICK-6043151 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043152 SICK-6043152 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043153 SICK-6043153 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
6043154 SICK-6043154 Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
More results

Similar Description - 6043157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com