Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-21046-3 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 1-21046-3
Description  These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-21046-3 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  1-21046-3 Datasheet HTML 1Page - TE Connectivity Ltd 1-21046-3 Datasheet HTML 2Page - TE Connectivity Ltd 1-21046-3 Datasheet HTML 3Page - TE Connectivity Ltd 1-21046-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
408-2674
4 of 4
Rev A
4.4. Replacement Parts
Die sets and die replacement parts, see Figure 8, can
be purchased from TE.
5. REVISION SUMMARY
Updated document to corporate requirements
Deleted product trademark name in all instances
Figure 8
ITEM
NUMBER
DESCRIPTION
QTY
PER SET
DIE SET NUMBERS AND
COMPONENT PART NUMBERS
88312-1
88313-1
1
SCREW
2
1-59781-2
59781-9
2
MOVING DIE
1
308983-2
308983-1
3
RING, Retaining
2
1-21046-3
1-21046-3
4
STATIONARY DIE
1
308984-2
308984-1


Similar Part No. - 1-21046-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-21046-3 TEC-1-21046-3 Datasheet
104Kb / 4P
   Tooling Assemblies
1-21046-3 TEC-1-21046-3 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
logo
Tyco Electronics
1-21046-3 MACOM-1-21046-3 Datasheet
146Kb / 6P
   Read these instructions and referenced documents before crimping any splices
1-21046-3 MACOM-1-21046-3 Datasheet
652Kb / 4P
   Install dies according to the instructions packaged with the tooling.
logo
TE Connectivity Ltd
1-21046-3 TEC-1-21046-3 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 1-21046-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
   COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
Molex Electronics Ltd.
0190270117 MOLEX-0190270117 Datasheet
38Kb / 2P
   ATP Crimp Dies for VersaKrimp Ring Tongue Terminals, for Solid Copper or Steel Wire (Anti Rotation)
01/25/2022
0190270111 MOLEX-0190270111 Datasheet
38Kb / 2P
   ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals And Butt Splices on Tape, 8 AWG
11/02/2021
logo
TE Connectivity Ltd
408-1697 TEC-408-1697 Datasheet
449Kb / 8P
   SOLISTRAND Crimping Dies
logo
Molex Electronics Ltd.
0190270120 MOLEX-0190270120 Datasheet
38Kb / 2P
   ATP Crimp Dies for Versakrimp 8 AWG Ring Tongue Terminals, for Stripped Magnet or Steel 6 AWG Wire
01/25/2022
logo
Tyco Electronics
45442 MACOM-45442 Datasheet
439Kb / 8P
   SOLISTRAND Crimping Dies
321684 MACOM-321684 Datasheet
48Kb / 1P
   SOLISTRAND, Uninsulated Terminals and Splices
logo
Molex Electronics Ltd.
0190472000 MOLEX-0190472000 Datasheet
42Kb / 2P
   ATP Crimp Dies for VersaKrimp Copper Ring Tongue Terminals and Butt Splices on Tape, 8 AWG, use with Tape Crimp Module and ATP-201 Press
07/29/2021
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
   UL1007 Hook Up Wire Stranded or Solid
1/27/20
45436 ETC2-45436 Datasheet
439Kb / 8P
   SOLISTRAND* Crimping Dies (Used in Crimping Heads69097 and 69099)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com