Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-307275-0 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1-307275-0
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-307275-0 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1-307275-0 Datasheet HTML 1Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 2Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 3Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 4Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 5Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 6Page - TE Connectivity Ltd 1-307275-0 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408-2423
Rev B
2 of 7
Product
Wire Size
Range
(AWG)
Wire Strip Length, mm [in.]
Insulation
Color Code
Dot Code
(Number
of Dots)
Die Assembly
Part Number
Terminal
Splice
Min
Max
Min
Max
PIDG and PLASTI-GRIP
Terminals and Splices
(Except 12-10 PIDG
Window Splice
26-22
3.97
[5/32]
4.76
[3/16]
4.37
[11/64]
5.16
[13/64]
Yellow
1
69877
26-24
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
7.14
[9/32]
Yellow
1
69872, 68208-1 Lg Exp
24-20
4.76
[3/16]
5.56
[7/32]
5.56
[7/32]
6.35
[1/4]
White
2
69878
22-16
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
7.14
[9/32]
Red
1
69872, 68208-1 Lg Exp
16-14
20-16 HD
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
9.53
[3/8]
Blue
2
69873, 68207-1 Lg Exp
12-10
7.94
[5/16]
8.73
[11/32]
8.73
[11/32]
9.53
[3/8]
Yellow
1
69874
16-14 HD
7.94
[5/16]
8.73
[11/32]
8.73
[11/32]
9.53
[3/8]
Yellow with
Black Stripe
1
69874
12-10
7.94
[5/16]
8.73
[11/32]
8.73
[11/32]
9.53
[3/8]
Yellow
1
69897 Lg Exp
16-14 HD
7.94
[5/16]
8.73
[11/32]
8.73
[11/32]
9.53
[3/8]
Yellow with
Black Stripe
1
69897 Lg Exp
8
8.33
[21/64]
9.13
[23/64]
9.13
[23/64]
9.53
[3/8]
Red
1
68116-1₸
₸ Long tongue PLASTI-GRIP terminals only.
Figure 2 (Part 1 of 2)
PLASTI-GRIP
Butt Splice
PIDG
Butt Splice
PLASTI-GRIP
Terminal
PIDG
Terminal
PIDG FASTON
Receptacle
Color Stripe
on Radiation
Resistant
Color Stripe on 16-14
HD and Radiation
Resistant
Color Stripe
on 16-14 HD
Crimp Dot Code
Crimp Dot Code


Similar Part No. - 1-307275-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-307275-0 TEC-1-307275-0 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
1-307275-0 TEC-1-307275-0 Datasheet
186Kb / 7P
   Crimping Die Assemblies
1-307275-0 TEC-1-307275-0 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 1-307275-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com