Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-307161-7 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 1-307161-7
Description  The care, amount of use, and handling of the dies.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-307161-7 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  1-307161-7 Datasheet HTML 1Page - TE Connectivity Ltd 1-307161-7 Datasheet HTML 2Page - TE Connectivity Ltd 1-307161-7 Datasheet HTML 3Page - TE Connectivity Ltd 1-307161-7 Datasheet HTML 4Page - TE Connectivity Ltd 1-307161-7 Datasheet HTML 5Page - TE Connectivity Ltd 1-307161-7 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
408-2648
4 of 6
Rev C
Figure 3
†Die closure dimensions apply when wire barrel dies are bottomed but not
under pressure. ‡Material - Tool Steel
Figure 4
‡Material - Tool Steel
Figure 5
A. Wire Barrel Crimp Die Closure
1. Clean oil or dirt from the die closure surfaces,
bottoming surfaces, and plug gage elements.
2. Assemble dies so that wire barrel dies are
bottomed but not under pressure.
3. With wire barrel dies bottomed, inspect the wire
barrel crimp die closure using the proper plug gage.
Hold gage in straight alignment with the die closure
and carefully insert, without forcing, the GO
element. See Figure 6A. The GO element must
pass completely through the wire barrel crimp die
closure.
4. Try to insert the NO-GO element. The NO-GO
element may enter partially, but must not pass
completely through the wire barrel crimp die
closure. See Figure 6A.
B. Insulation Crimp Die Closure
1. With wire barrel dies bottomed and not under
pressure, set insulation crimp dies at “gage”
dimension shown in Figure 6B.
2. Inspect the insulation crimp die closure using the
proper plug gage in the same manner as steps (c)
and (d) in paragraph 4.3.A. See Figure 6B.
If both the wire barrel and insulation crimp die
closures meet the GO NO-GO gage conditions, the
dies may be considered dimensionally correct.
DIE
SET
DIE CLOSURE
DIM'S “A”†
GAGE ELEMENT‡
DIM'S “B”
“R”
RADIUS
(MAX)
GO
NO-GO
GO
NO-GO
68240-1
1.168
[.0460]
1.321
[.0520]
1.168-1.176
[.0460-.0463]
1.318-1.321
[.0519-.0520]
1.575
[.0620]
68241-1
1.372
[.0540]
1.524
[.0600]
1.372-1.379
[.0540-.0543]
1.521-1.524
[.0599-.0600]
1.981
[.0780]
68242-1
1.930
[.0760]
2.083
[.0820]
1.930-1.938
[.0760-.0763]
2.080-2.083
[.0819-.0820]
2.769
[.1090]
69930
1.499
[.0590]
1.651
[.0650]
1.499-1.506
[.0590-.0593]
1.648-1.651
[.0649-.0650]
1.880
[.0740]
69931
1.905
[.0750]
2.057
[.0810]
1.905-1.913
[.0750-.0753]
2.055-2.057
[.0809-.0810]
2.184
[.0860]
69932
2.311
[.0910]
2.464
[.0970]
2.311-2.319
[.0910-.0913]
2.461-2.464
[.0969-.0970]
2.997
[.1180]
69954
1.295
[.0510]
1.448
[.0570]
1.295-1.303
[.0510-.0513]
1.445-1.448
[.0569-.0570]
1.575
[.0620]
69955
1.499
[.0590]
1.651
[.0650]
1.499-1.506
[.0590-.0593]
1.648-1.651
[.0649-.0650]
1.981
[.0780]
69956
2.108
[.0830]
2.261
[.0890]
2.108-2.116
[.0830-.0833]
2.258-2.261
[.0889-.0890]
2.769
[.1090]
Chipped
Edge
Pitted
DIE
SET
DIE CLOSURE
DIM'S “C”
(Dies set at
“gage” dim
See Figure 6B.)
GAGE
ELEMENT‡
DIMENSION “D”
“E”
DIM
GO
NO-GO
GO
NO-GO
69930
0.762
[.0300]
1.27
[.0500]
0.762-0.770
[.0300-.0303]
1.267-1.27
[.0499-.0500]
4.06
[.160]
69931
0.762
[.0300]
1.27
[.0500]
0.762-.0770
[.0300-.0303]
1.267-1.27
[.0499-.0500]
4.83
[.190]
69932
1.321
[.0520]
1.829
[.0720]
1.321-1.328
[.0520-.0523]
1.826-1.829
[.0719-.0720]
7.87
[.310]


Similar Part No. - 1-307161-7

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-307275-0 TEC-1-307275-0 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
1-307275-0 TEC-1-307275-0 Datasheet
186Kb / 7P
   Crimping Die Assemblies
1-307275-0 TEC-1-307275-0 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
1-307275-1 TEC-1-307275-1 Datasheet
510Kb / 7P
   Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
1-307275-2 TEC-1-307275-2 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 1-307161-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10210 MACOM-408-10210 Datasheet
634Kb / 8P
   The die assemblies consist of stationary dies and moving dies
logo
Linear Dimensions Semic...
DC2399 LINEAR_DIMENSIONS-DC2399 Datasheet
3Mb / 22P
   the starter kit for demonstrating the performance and ease of use of the LTC짰2984
logo
Ultralife Corporation.
URB6450 ULTRALIFE-URB6450 Datasheet
664Kb / 2P
   Significantly lighter weight for the same amount of energy
Rev: C
logo
Lumileds Lighting Compa...
LUXEON4014 LUMILEDS-LUXEON4014 Datasheet
1Mb / 14P
   Compact footprint delivering high-efficacy and just the right amount of light
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
logo
ON Semiconductor
AND8349-D ONSEMI-AND8349-D Datasheet
237Kb / 6P
   Automotive Applications The Use of Discrete
May, 2009 ??Rev. 1
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
   The package and pin of the chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com