Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-1415899-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 4-1415899-1
Description  5kV/10mm coil-contact, reinforced insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1415899-1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  4-1415899-1 Datasheet HTML 1Page - TE Connectivity Ltd 4-1415899-1 Datasheet HTML 2Page - TE Connectivity Ltd 4-1415899-1 Datasheet HTML 3Page - TE Connectivity Ltd 4-1415899-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
02-2016, Rev. 0216
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RZ (Continued)
Product code structure
Typical product code
RZ
0
3
-1C
4
-D012
Type
RZ Power PCB Relay RZ
Version
0
standard version
Version
1
3.5mm pinning, 12 A
3
5mm double pinning, 16 A
2
5mm pinning, 12 A
H High Performance 5mm double pinning, 16 A
Contact configuration
1A 1 form A (1 NO) contact
1C 1 form C (1 CO) contact
Contact material
4
AgNi 90/10
3
AgSnO2
Coil version
Coil code: please refer to coil versions table
Cover version
blank
standard (orange)
R reinforced flux proof (epoxy)
12A, pinning 3.5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CB
S0163-BG
S0163-BH
PCB layout / terminal assignment
Bottom view on solder pins
12A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CN
S0163-BC
S0163-BD
Recommended pcb hole for manual mounting:
k1.3mm
For automated mounting please ask for
detailed drawing.
16A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CA
S0163-BE
S0163-BF


Similar Part No. - 4-1415899-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1415899-1 MACOM-4-1415899-1 Datasheet
178Kb / 4P
   Power PCB Relay RZ
More results

Similar Description - 4-1415899-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
   5kV/10mm coil-contact, reinforced insulation
RTH TEC-RTH Datasheet
283Kb / 2P
   5kV/10mm coil-contact
430 TEC-430 Datasheet
473Kb / 3P
   4kV/8mm coil-contact, reinforced insulation
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com