Electronic Components Datasheet Search |
|
1649341-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
1649341-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
2 / 2 page 2 07-2014, Rev. 0714 www.te.com © 2014 Tyco Electronics Corporation, a TE Connectivity Ltd. company. Catalog and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Catalog and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Catalog product data, ‘Definitions’ section, application notes and all specifications are subject to change. OEG OEG Terminal assignment 1 form A 1 form B 1 form C Product Code Contact arrangement Contact material Coil voltage Part Number T9CP1A52-12 1 form A (NO) AgCdO 12 VAC 1649341-3 T9CP1A52-24 24 VAC 1649341-1 T9CP1A52-48 48 VAC 1649341-4 T9CP1A52-120 120 VAC 1649341-5 T9CP1A52-240 240 VAC 1649341-6 T9CP5A52-12 1 form C (CO) 12 VAC 1-1649341-1 T9CP5A52-24 24 VAC 1-1649341-2 T9CP5A52-48 48 VAC 1-1649341-3 T9CP5A52-120 120 VAC 1-1649341-4 T9CP5A52-240 240 VAC 1-1649341-5 T9CP1A54-12 1 form A (NO) AgSnInO 12 VAC 1649341-7 T9CP1A54-24 24 VAC 1649341-8 T9CP1A54-48 48 VAC 1649341-9 T9CP1A54-120 120 VAC 1-1649341-0 T9CP1A54-240 240 VAC 1649341-2 T9CP2A54-120 1 form B (NC) 120 VAC 2-1649341-5 T9CP2A54-240 240 VAC 2-1649341-4 T9CP5A54-12 1 form C (CO) 12 VAC 1-1649341-6 T9CP5A54-24 24 VAC 1-1649341-7 T9CP5A54-48 48 VAC 1-1649341-8 T9CP5A54-120 120 VAC 1-1649341-9 T9CP5A54-208 208 VAC 2-1649341-6 T9CP5A54-240 240 VAC 2-1649341-0 T9CP5A54-277 277 VAC 2-1649341-7 General Purpose High Power PCB Relays T9C Series, AC Coil Power Relay (Continued) Product code structure Typical product code T9C P 1 A 5 4 -24 Type T9C Power Relay T9C AC coil Enclosure P Dust protected (flange mount) Contact arrangement 1 1 form A (1 NO); VDE approved and UL recognized 2 1 form B (1 NC) 5 1 form C (1 CO); UL recognized Coil input A AC voltage, 1.6VA E AC voltage, 1.2VA (VDE approved) Mounting and termination 5 Flanged mounting; 4.75 mm (.187) QC for coil and 6.35mm (.250in) QC for contacts Contact material 2 AgCdO 4 AgSnOInO Coil voltage Coil code: please refer to coil versions table |
Similar Part No. - 1649341-1 |
|
Similar Description - 1649341-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |