Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1649341-6 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 1-1649341-6
Description  General Purpose High Power PCB Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1649341-6 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  1-1649341-6 Datasheet HTML 1Page - TE Connectivity Ltd 1-1649341-6 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
07-2014, Rev. 0714
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
OEG
Insulation Data
Initial dielectric strength
between open contacts
1500V
rms
between contact and coil
2500V
rms
Initial insulation resistance
between insulated elements
1x109
Clearance/creepage
between contact and coil
2.5 / 4mm; 3.1 / 6.3mm (UL508)
Tracking index of relay base
175
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
AC coil
-40ºC to 70ºC
Category of environmental protection
IEC 61810
RTI - dust protected
Vibration resistance (functional)
1.5mm, 10-55 Hz
Shock resistance (functional)
10g for 11msec
Shock resistance (destructive)
100g
Terminal type
quick connect
Weight
33g
Resistance to soldering heat THT
IEC 60068-2-20
250°C
Packaging/unit
250 pcs
n
30A, 1NO, 20A/10A 1CO
n
Flange mount
n
1.6VA coil (cULus recognized)
n
1.2VA coil (VDE approved)
n
2.5kV coil - contact dielectric
Typical applications
HVAC, power supplies, domestic appliances, measurement and controls.
Approvals
UL E58304; CSA LR48471; VDE REG,-Nr.A876
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form A (NO), 1 form B (NC), 1 form C (CO)
Rated voltage
250VAC
Max. switching voltage
250VAC
Rated current
20A /10A
Breaking capacity max.
5000VA
Contact material
AgSnOInO, AgCdO
Min. recommended contact load
1A, 5VDC or 12VAC
Initial contact resistance
75 mΩ at 1A at 5VDC or 12VAC
Frequency of operation, with/without load
6/300min
Operate/release time max., including bounce
15/15ms
Contact ratings
Type
Load
Cycles
UL508
NO
30A, 250VAC, resistive, 25°C
30x103
NO
15A, 240VAC, general purpose, 70°C
100x103
CO
20A/10A, 250VAC, resistive, 25°C
6x103
IEC 61810
E coil
NO
15A, 277VAC, cos =1, 85°C
100x103
Mechanical endurance
5x106 ops.
Coil Data
Coil voltage range
12 to 240VAC
Max. coil power
Coil A, 1.6VA
Coil E, 1.2VA
Coil insulation system according UL
Class F
Coil versions, AC coil
Coil
Rated
Frequency Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance power
VAC
HZ
VAC, 60HZ VAC, 60HZ Ω±10%
VA
Code A (1.6VA) coil
12
12
50/60
9.6
1.2
36
1.6
24
24
50/60
19.2
2.4
144
1.6
48
48
50/60
38.4
4.8
576
1.6
120 110/120
50/60
96
12
3025
1.6
240 220/240
50/60
192
24
12000
1.6
277 250/277
50/60
221.6
27.7
15625
1.6
Code E (1.2VA) coil
12
12
50/60
9.6
1.2
52
1.2
24
24
50/60
19.2
2.4
198
1.2
48
48
50/60
38.4
4.8
824
1.2
120 110/120
50/60
96
12
3728
1.2
240 240/240
50/60
192
24
14810
1.2
All figures are given for coil without preenergization, at ambient temperature +23°C.
Dimensions
T9C Series, AC Coil Power Relay
General Purpose
High Power PCB Relays


Similar Part No. - 1-1649341-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1649305-0 TEC-1-1649305-0 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1649305-0 TEC-1-1649305-0 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1649305-1 TEC-1-1649305-1 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1649305-1 TEC-1-1649305-1 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
1-1649305-2 TEC-1-1649305-2 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
More results

Similar Description - 1-1649341-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
1670685 MACOM-1670685 Datasheet
381Kb / 2P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com