Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8843 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8843
Description  750mA CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8843 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8843_08 Datasheet HTML 2Page - Analog Microelectronics AME8843_08 Datasheet HTML 3Page - Analog Microelectronics AME8843_08 Datasheet HTML 4Page - Analog Microelectronics AME8843_08 Datasheet HTML 5Page - Analog Microelectronics AME8843_08 Datasheet HTML 6Page - Analog Microelectronics AME8843_08 Datasheet HTML 7Page - Analog Microelectronics AME8843_08 Datasheet HTML 8Page - Analog Microelectronics AME8843_08 Datasheet HTML 9Page - Analog Microelectronics AME8843_08 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AME
6
750mA CMOS LDO
AME8843
Rev. A.02
The AME8843 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 750mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 120oC.
The AME8843 switches from voltage mode to current
mode when the load exceeds the rated output current.
This prevents over-stress. The AME8843 also incorpo-
rates current foldback to reduce power dissipation when
the output is short circuited. This feature becomes active
when the output drops below 0.8 volts, and reduces the
current flow by 65%. Full current is restored when the
voltage exceeds 0.8 volts.
n Detailed Description
n External Capacitors
The AME8843 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic ca-
pacitor with a 10
µF Aluminum Electrolytic. The benefit is
low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.


Similar Part No. - AME8843_08

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8843AEGT180 AKM-AME8843AEGT180 Datasheet
96Kb / 9P
   750mA CMOS LDO
AME8843AEGT180Z AKM-AME8843AEGT180Z Datasheet
96Kb / 9P
   750mA CMOS LDO
AME8843AEGT250 AKM-AME8843AEGT250 Datasheet
96Kb / 9P
   750mA CMOS LDO
AME8843AEGT250Z AKM-AME8843AEGT250Z Datasheet
96Kb / 9P
   750mA CMOS LDO
More results

Similar Description - AME8843_08

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com