Electronic Components Datasheet Search |
|
C318C153D1G5HA7301 Datasheet(PDF) 2 Page - Kemet Corporation |
|
C318C153D1G5HA7301 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1049_GOLDMAX_C0G • 11/11/2016 2 Radial Leaded Multilayer Ceramic Capacitors Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 50 – 200 VDC (Commercial Grade) Benefits cont'd • Available capacitance Tolerances of ±0.1 pF, ±0.25 pF, ±0.5 pF, ±1%, ±2%, ±5%, and ±10% • Extremely low ESR and ESL • High thermal stability • High ripple current capability • No capacitance change with respect to applied rated DC voltage • Negligible capacitance change with respect to temperature from −55°C to +125°C • No capacitance decay with time • Non-polar device, minimizing installation concerns • 100% pure matte tin-plated lead finish allowing for excellent solderability • SnPb-plated lead finish option available upon request (Sn60/Pb40) • Encapsulation meets flamability standard UL 94V–0 Applications Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, filtering, transient voltage suppression, blocking and energy storage. Application Notes These devices are not recommended for use in overmold applications and/or processes. Packaging C-Spec Ordering Options Table Packaging Type1 Packaging/Grade Ordering Code (C-Spec) Bulk Bag Not required (Blank) 12" Tape & Reel (16.0±0.5 mm lead length) 7301 12" Tape & Reel (18.0 mm minimum lead length) 7303 Ammo Pack (16.0±0.5 mm lead length) 7305 Ammo Pack (18.0 mm minimum lead length) 7317 1 Defaultpackagingis"BulkBag".AnorderingcodeC-Specisnotrequiredfor"BulkBag"packaging.BulkbagoptionisrequiredforSize/StyleC321and C331. 1 "TapeandReel"packagingoptionisnotavailableforSize/StyleC321andC331.Formoreinformationsee"PackagingQuantities". 1 "AmmoPack"packagingoptionisnotavailableforSize/StyleC321,C331,C350,andC356.Formoreinformationsee"PackagingQuantities". 1 "AmmoPack"and"TapeandReel"packagingoptionshavethesameleadtapeconfiguration.Formoreinformationsee"Tape&ReelPackaging Information". |
Similar Part No. - C318C153D1G5HA7301 |
|
Similar Description - C318C153D1G5HA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |