Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68137 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL68137
Description  Digital Dual Output, 7-Phase Configurable PWM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68137 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL68137 Datasheet HTML 1Page - Intersil Corporation ISL68137 Datasheet HTML 2Page - Intersil Corporation ISL68137 Datasheet HTML 3Page - Intersil Corporation ISL68137 Datasheet HTML 4Page - Intersil Corporation ISL68137 Datasheet HTML 5Page - Intersil Corporation ISL68137 Datasheet HTML 6Page - Intersil Corporation ISL68137 Datasheet HTML 7Page - Intersil Corporation ISL68137 Datasheet HTML 8Page - Intersil Corporation ISL68137 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
ISL68134
4
FN8817.0
September 28, 2016
Submit Document Feedback
Functional Pin Descriptions Refer to Table 4 on page 19 for design layout considerations.
PIN NUMBER
PIN NAME
DESCRIPTION
4, 3, 2, 1
PWM[3:0] Pulse width modulation outputs. Connect these pins to the PWM input pins of 3.3V logic compatible Intersil smart power
stages, driver IC(s) or power stages.
5
AVS_CLK AVSBus clock input pin. Connect to ground if not used.
6
AVS_SDA AVSBus data output pin. Leave open if not used.
7
AVS_MDA AVSBus data input pin. Connect to ground if not used.
8
AVS_VDDIO AVSBus reference voltage input pin. Leave open if not used.
9, 10, 38, 39,
40
DNC
Do not connect any signals to these pins.
11
EN0
Input pin used for enable control of Output 0. Active high. Connect to ground if not used.
12
EN1
Input pin used for enable control of Output 1. Active high. Connect to ground if not used.
13
TWARN
Thermal warning flag. This open-drain output will be pulled low in the event of a sensed over-temperature at TMON pins
without disabling the regulators. Maximum pull-up voltage is VCC.
14
PG0
Open-drain power-good indicators for Output 0. Maximum pull-up voltage is VCC.
15
PG1
Open-drain power-good indicators for Output 1. Maximum pull-up voltage is VCC.
16
SCL
Serial clock signal pin for SMBus interface. Maximum pull-up voltage is VCC.
17
SDA
Serial data signal pin for SMBus interface. Maximum pull-up voltage is VCC.
18
SALRT
Serial alert signal pin for SMBus interface. Maximum pull-up voltage is VCC.
19
CONFIG
Configuration ID selection pin. See Table 3 on page 16 for more details.
20
VINSEN
Input voltage sense pin. Connect to VIN through a resistor divider (typically 40.2k/10k) with a 10nF decoupling capacitor.
21
VSEN1
Positive differential voltage sense input for Output 1. Connect to positive remote sensing point. Connect to ground if not
used.
22
RGND1
Negative differential voltage sense input for Output 1. Connect to negative remote sensing point. Connect to ground if not
used.
23, 25, 27, 29 CSRTN[3:0] The CS and CSRTN pins are current sense inputs to individual phase differential amplifiers. Unused phases should have
their respective current sense inputs grounded. The ISL68134 supports smart power stage, DCR and resistor sensing.
Connection details depend on current sense method chosen.
24, 26, 28, 30
CS[3:0]
31
RGND0
Negative differential voltage sense input for Output 0. Connect to negative remote sensing point. Connect to ground if not
used.
32
VSEN0
Positive differential voltage sense input for Output 0. Connect to positive remote sensing point. Connect to ground if not
used.
33
TMON0
Input pin for external temperature measurement at Output 0. Supports diode based temperature sensing as well as smart
power stage sensing. Refer to “Temperature Compensation” on page 14 for more information.
34
TMON1
Input pin for external temperature measurement at Output 1. Supports diode based temperature sensing as well as smart
power stage sensing. Refer to “Temperature Compensation” on page 14 for more information.
35
VCC
Chip primary bias input. Connect this pin directly to a +3.3V supply with a high quality MLCC bypass capacitor.
36
VCCS
Internally generated 1.2V LDO logic supply from VCC. Decouple with 4.7µF or greater MLCC (X5R or better).
37
SA
PMBus™ Address selection pin. See Table 2 on page 12 for more details.
EPAD
GND
Package pad serves as GND return for all chip functions. Connect directly to system GND plane with multiple thermal vias.


Similar Part No. - ISL68137

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Intersil Corporation
ISL68137IRAZ INTERSIL-ISL68137IRAZ Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137IRAZ RENESAS-ISL68137IRAZ Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137_16 Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
More results

Similar Description - ISL68137

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
   Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
   Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
   Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL68147 RENESAS-ISL68147 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
   Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
   Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
   Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com