Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68137 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL68137
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68137 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL68137 Datasheet HTML 5Page - Intersil Corporation ISL68137 Datasheet HTML 6Page - Intersil Corporation ISL68137 Datasheet HTML 7Page - Intersil Corporation ISL68137 Datasheet HTML 8Page - Intersil Corporation ISL68137 Datasheet HTML 9Page - Intersil Corporation ISL68137 Datasheet HTML 10Page - Intersil Corporation ISL68137 Datasheet HTML 11Page - Intersil Corporation ISL68137 Datasheet HTML 12Page - Intersil Corporation ISL68137 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ISL68137
9
FN8757.0
September 27, 2016
Submit Document Feedback
Typical Application: Phase Doubler
FIGURE 5. TYPICAL APPLICATION: PHASE DOUBLER
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
100
VOUT1
COUT
GND
0.1µF
LGCTRL
VCC
VCCS
4.7µF
TMON0
RGND0
VSEN0
SALRT
SDA
SCL
4.7µF
PWM0
CSRT0
CS0
PWM6
CSRTN6
CS6
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
PWM4
CSRTN4
CS4
PWM5
CSRTN5
CS5
470pF
TMON1
RGND1
VSEN1
ISL68137
PG0
EN0
PG1
EN1
1k
VINSEN
0.01µF
10k
40.2k
TWARN
CONFIG
SA
12V
3.3V
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
470pF
GND
0.1µF
LGCTRL
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
470pF
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
470pF
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
470pF
PWMIN
EN_SYNC
IOUT
VCC
CSRTNA
ISL6617A
GND
0.1µF
CSENA
PWMA
CSRTNB
CSENB
PWMB
5V
ISL99226B/7B
PWM
REFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
GND
0.1µF
LGCTRL
ISL99226B/7B
AVS_VDDIO
AVS_MDA
AVS_SDA
AVS_CLK


Similar Part No. - ISL68137

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137 Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Intersil Corporation
ISL68137IRAZ INTERSIL-ISL68137IRAZ Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL68137IRAZ RENESAS-ISL68137IRAZ Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
More results

Similar Description - ISL68137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
   Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com