Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68137 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL68137
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68137 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL68137 Datasheet HTML 7Page - Intersil Corporation ISL68137 Datasheet HTML 8Page - Intersil Corporation ISL68137 Datasheet HTML 9Page - Intersil Corporation ISL68137 Datasheet HTML 10Page - Intersil Corporation ISL68137 Datasheet HTML 11Page - Intersil Corporation ISL68137 Datasheet HTML 12Page - Intersil Corporation ISL68137 Datasheet HTML 13Page - Intersil Corporation ISL68137 Datasheet HTML 14Page - Intersil Corporation ISL68137 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
ISL68137
11
FN8757.0
September 27, 2016
Submit Document Feedback
Average Overcurrent Threshold Resolution
0.1
A
Cycle-by-Cycle Current Limiting Threshold Accuracy
0.1
A
DIGITAL DROOP
Droop Resolution
0.01
mV/A
OSCILLATORS
Accuracy of Switching Frequency Setting
When set to 500kHz
480
500
520
kHz
Accuracy of Switching Frequency Setting
-4
4
%
Switching Frequency Range
0.2
1.0
MHz
SOFT-START RATE AND VOLTAGE TRANSITION RATE
Minimum Soft-Start Ramp Rate
Programmable minimum rate
20
µs
Maximum Soft-Start Ramp Rate
Programmable maximum rate
10
ms
Soft-Start Ramp Rate Accuracy
-4
4
%
Minimum Transition Rate
Programmable minimum rate
0.1
mV/µs
Maximum Transition Rate
Programmable maximum rate
100
mV/µs
Transition Rate Accuracy
-4
4
%
PWM OUTPUT
PWMx Output High Level
IOUT = 4mA
VCC - 0.4
V
PWMx Output Low Level
IOUT = 4mA
0.4
V
PWMx Output Tri-State IOL
VOH = VCC
1
µA
PWMx Output Tri-State IOH
VOL = 0V
-1
µA
THERMAL MONITORING AND PROTECTION
Temperature Sensor Range
-50
150
°C
Temperature Sensor Accuracy
TMON to ADC accuracy
-4.5
4.5
%
TWARN Output Low Impedance
4
9
13
TWARN Hysteresis
3°C
POWER-GOOD AND PROTECTION MONITORS
PG Output Low Voltage
IOUT = 8mA load
0.4
V
PG Leakage Current
With pull-up resistor externally connected to VCC
0.5
1.0
µA
Overvoltage Protection Threshold Resolution
1mV
Undervoltage Protection Threshold Resolution
1mV
Overvoltage Protection Threshold when Disabled
VCC - 0.2
V
INPUT VOLTAGE SENSE
Input Voltage Accuracy
VINSEN to ADC accuracy
-2.5
2.5
%
Input Voltage Protection Threshold Resolution
1mV
AVSBus
AVSBus VDDIO Input Voltage Range
0.90
3.63
V
AVSBus CLK, MDA, Input High Level
0.6 * VDDIO
V
AVSBus CLK, MDA, Input Low Level
0.4 * VDDIO
V
Electrical Specifications Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the
operating temperature range -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT


Similar Part No. - ISL68137

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68137 INTERSIL-ISL68137 Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
logo
Intersil Corporation
ISL68137IRAZ INTERSIL-ISL68137IRAZ Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL68137IRAZ RENESAS-ISL68137IRAZ Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
More results

Similar Description - ISL68137

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
   Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com