Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

S-5716ANDL0-M3T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-5716ANDL0-M3T1U
Description  LOW CURRENT CONSUMPTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5716ANDL0-M3T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-5716ANDL0-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 12Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 13Page - Seiko Instruments Inc S-5716ANDL0-M3T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S-5716 Series
Rev.1.6_01
10
1. 5 Product with BOP = 7.0 mT typ.
Table 15
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
5.0
7.0
8.5
mT
5
N pole
BOPN
−8.5
−7.0
−5.0
mT
5
Release point*2
S pole
BRPS
3.7
5.2
7.2
mT
5
N pole
BRPN
−7.2
−5.2
−3.7
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.8
mT
5
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
1.8
mT
5
2. Product with S pole detection
2. 1 Product with BOP = 1.8 mT typ.
Table 16
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
0.9
1.8
2.7
mT
5
Release point*2
S pole
BRPS
0.3
1.2
2.2
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
0.6
mT
5
2. 2 Product with BOP = 3.0 mT typ.
Table 17
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
1.4
3.0
4.0
mT
5
Release point*2
S pole
BRPS
1.1
2.2
3.7
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
0.8
mT
5
2. 3 Product with BOP = 3.4 mT typ.
Table 18
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
2.0
3.4
5.6
mT
5
Release point*2
S pole
BRPS
1.5
2.6
4.2
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
0.8
mT
5
2. 4 Product with BOP = 4.5 mT typ.
Table 19
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
2.5
4.5
6.0
mT
5
Release point*2
S pole
BRPS
2.0
3.5
5.5
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.0
mT
5
2. 5 Product with BOP = 7.0 mT typ.
Table 20
(Ta =
+25°C, VDD = 5.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point*1
S pole
BOPS
5.0
7.0
8.5
mT
5
Release point*2
S pole
BRPS
3.7
5.2
7.2
mT
5
Hysteresis width*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
1.8
mT
5


Similar Part No. - S-5716ANDL0-M3T1U

ManufacturerPart #DatasheetDescription
Seiko Instruments Inc
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-5716ANDL0-M3T1U

ManufacturerPart #DatasheetDescription
Rohm
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
SHANGHAI BELLING CO., LTD.
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
RF Micro Devices
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
IK Semicon Co., Ltd
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
Seiko Instruments Inc
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
Abracon Corporation
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
Anaren Microwave
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
NIHON DEMPA KOGYO
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com