Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # MMBTA92
Description  High Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBTA92 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMBTA92 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBTA92 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBTA92 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd MMBTA92 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.yeashin.com
2
REV.02 20120703
MMBTA92
DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (3)
DC Current Gain
hFE
(I C =–1.0mAdc, V CE = –10 Vdc)
Both Types
25
––
(I C = –10 mAdc, V CE = –10Vdc)
Both Types
40
––
(I C = –30mAdc, V CE =–10 Vdc)
MMBTA92
25
––
MMBTA93
25
––
Collector–Emitter Saturation Voltage
VCE(sat)
Vdc
(I C = –20mAdc, I B = –2.0 mAdc)
MMBTA92
––
–0.5
MMBTA93
––
–0.5
Base–Emitter Saturation Voltage
V BE(sat)
–0.9
Vdc
(I C = –20mAdc, I B = –2.0 mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(3),(4)
f T
50
––
MHz
(I C = –10mAdc, V CE= –20Vdc, f = 100MHz)
Collector – Base Capacitance
C cb
pF
(V CB = –20 Vdc, I E = 0, f = 1.0 MHz)
MMBTA92
––
6.0
MMBTA93
––
8.0
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.


Similar Part No. - MMBTA92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBTA92 PHILIPS-MMBTA92 Datasheet
43Kb / 8P
   PNP high-voltage transistor
2000 Apr 11
logo
Galaxy Semi-Conductor H...
MMBTA92 BILIN-MMBTA92 Datasheet
161Kb / 4P
   PNP High Voltage Amplifier
logo
Diotec Semiconductor
MMBTA92 DIOTEC-MMBTA92 Datasheet
108Kb / 2P
   Surface mount High Voltage Transistors
logo
Jinan Jing Heng Electro...
MMBTA92 JINGHENG-MMBTA92 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMBTA92 MCC-MMBTA92 Datasheet
239Kb / 3P
   PNP Silicon High Voltage Transistor
More results

Similar Description - MMBTA92

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com