Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8852A-AIV130 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8852A-AIV130
Description  High PSRR, Low Noise, 150mA CMOS Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8852A-AIV130 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8852A-AIV130 Datasheet HTML 7Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 8Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 9Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 10Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 11Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 12Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 13Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 14Page - Analog Microelectronics AME8852A-AIV130 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AME
11
AME8852A
Rev. C.01
High PSRR, LowNoise, 150mA
CMOS Regulator
n
Characterization Curve (Contd.)
Line Transient Response
Line Transient Response
Line Transient Response
Line Transient Response
Line Transient Response
Line Transient Response
TA = 25
OC
VOUT =4.3V
IOUT = 10mA
20
µS/Div
V
OUT
(20mV/Div)
V
IN
(1V/Div)
TA = 25OC
VOUT = 4.3V
IOUT = 150mA
20
µS/Div
V
IN
(1V/Div)
V
OUT
(20mV/Div)
TA = 125 OC
VOUT = 1V
IOUT = 10mA
20
µS/Div
V
IN
(1V/Div)
V
OUT
(20mV/Div)
TA = 125
OC
VOUT = 1V
IOUT = 150mA
20
µS/Div
V
OUT
(20mV/Div)
V
IN
(1V/Div)
TA = 125
OC
VOUT = 4.3V
IOUT = 10mA
20
µS/Div
V
OUT
(20mV/Div)
V
IN
(1V/Div)
TA = 125 OC
VOUT = 4.3V
IOUT = 150 mA
20
µS/Div
V
IN
(1V/Div)
V
OUT
(20mV/Div)


Similar Part No. - AME8852A-AIV130

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET080K AME-AME8852AAET080K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET090K AME-AME8852AAET090K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET100K AME-AME8852AAET100K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET110K AME-AME8852AAET110K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
More results

Similar Description - AME8852A-AIV130

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com