Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

748323024 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 748323024
Description  Bandpass-Filter WE-BPF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

748323024 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  748323024 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 748323024 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 748323024 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
Gurtspezifikation / Tape specification:
A
1,6 ± 0,1
mm
B
4,0 ± 0,1
mm
C
8,0 ± 0,2
mm
D
1,5 +0,1/-0,0
mm
E
4,0 ± 0,1
mm
F
2,0 ± 0,1
mm
G
1,75 ± 0,1
mm
H
3,5 ± 0,1
mm
I
2,4 ± 0,1
mm
J
1,3 max.
mm
T
0,2 ± 0,05
mm
Rollenspezifikation / Reel specification:
a
178,0 ± 2,0
mm
b
13,0 ± 0,3
mm
c
21,8 ± 0,8
mm
d
2,0 ± 0,5
mm
e
60,0 ± 0,5
mm
f
1,2 ± 2,0
mm
g
9,0 ± 0,3
mm
AWe
Version 1
04-10-11
Name
Änderung / modification
Datum/date
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
748323024
Bandpassfilter WE-BPF
Bandpass-Filter WE-BPF
DATUM / DATE : 2004-10-11
I Rollenspezifikation / tape and reel specification :
Freigabe erteilt / general release:
Kunde / customer
.....................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
...............................................
................................................
Geprüft / checked
Kontrolliert / approved
RoHS
compliant
LF
J
I
T
A
B
C
H
G
F
E
øD
Trailer End
Trailer (80mm min.)
Leader End
Cover Tape Only
(250mm min.)
Empty Compartments
with Cover Tape (100mm min.)
The force for tearing off cover tape is
10 to 130 grams in arrow direction
feeding direction
< 10°
Øc
b
d
e
a
f
g
RoHS compliant
SEITE 3 VON 3


Similar Part No. - 748323024

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748323056 WURTH-748323056 Datasheet
188Kb / 3P
   Bandpass-Filter WE-BPF
More results

Similar Description - 748323024

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
748323155 WURTH-748323155 Datasheet
187Kb / 3P
   Bandpass-Filter WE-BPF
748323056 WURTH-748323056 Datasheet
188Kb / 3P
   Bandpass-Filter WE-BPF
748351124 WURTH-748351124 Datasheet
186Kb / 3P
   Bandpass-Filter WE-BPF
748351024 WURTH-748351024 Datasheet
186Kb / 3P
   Bandpass-Filter WE-BPF
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com