Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3--21028--2 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 3--21028--2
Description  Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3--21028--2 Datasheet(HTML) 7 Page - TE Connectivity Ltd

  3--21028--2 Datasheet HTML 1Page - TE Connectivity Ltd 3--21028--2 Datasheet HTML 2Page - TE Connectivity Ltd 3--21028--2 Datasheet HTML 3Page - TE Connectivity Ltd 3--21028--2 Datasheet HTML 4Page - TE Connectivity Ltd 3--21028--2 Datasheet HTML 5Page - TE Connectivity Ltd 3--21028--2 Datasheet HTML 6Page - TE Connectivity Ltd 3--21028--2 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
408- 9359
7
of 7
Rev C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18 19 20
91.95 [3.620]
66.55
[2.620]
66.55
[2.620]
Weight:
0.227 kg [8 oz.]
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER
ASSEMBLY
1
313811--1
FINGER, Feed
1
2
2--22285--6
SPRING, Extension
1
3
313809--1
ARM, Feed
1
4
21986--6
RING, Retaining
1
5
313812--1
PIN, Pivot
1
6
313808--1
GUIDE, Strip
1
7
1--21002--7
SCREW, BtnHdCap, 6--32x.38L
2
8
313805--1
HEAD, Finished
1
9
313807--1
GUIDE, Wire
1
10
2--21008--1
SETSCREW, Skt, 4--40 x .250 L
1
11
2--21000--3
SCREW, Skt Hd Cap
2
12
313810--1
DRAG, Contact
1
13
1--22279--6
SPRING, Compression
3
14
21028--6
PIN, Slotted Spring
2
15
313806--1
INSERTER, Wire
1
16
2--25022--2
SPRING, Compression
1
17
3--21028--2
PIN, Slotted Spring
1
18
312148--5
ROD, Inserter
1
19
5--22488--6
SPRING, Compression
1
20
312149--1
ADJUSTER, Inserter Rod
1
Figure 8


Similar Part No. - 3--21028--2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3--21028--2 TEC-3--21028--2 Datasheet
144Kb / 6P
   2 mm Common Termination Head Assembly
logo
Tyco Electronics
3--21028--2 MACOM-3--21028--2 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
3--21028--2 MACOM-3--21028--2 Datasheet
161Kb / 5P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
3--21028--2 MACOM-3--21028--2 Datasheet
146Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 3--21028--2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-10324 MACOM-408-10324 Datasheet
239Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-9935 MACOM-408-9935 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9039 MACOM-408-9039 Datasheet
103Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
411-3236 MACOM-411-3236 Datasheet
216Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
TE Connectivity Ltd
408-6561 TEC-408-6561 Datasheet
110Kb / 4P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-1216 TEC-408-1216 Datasheet
91Kb / 2P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-10110 TEC-408-10110 Datasheet
191Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
logo
Tyco Electronics
408-8377 MACOM-408-8377 Datasheet
249Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools
408-8607 MACOM-408-8607 Datasheet
247Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
408-9240 MACOM-408-9240 Datasheet
85Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com