Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD400 Datasheet(PDF) 7 Page - Cree, Inc

Part # LMD400
Description  LED Module Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD400 Datasheet(HTML) 7 Page - Cree, Inc

Back Button LMD400 Datasheet HTML 3Page - Cree, Inc LMD400 Datasheet HTML 4Page - Cree, Inc LMD400 Datasheet HTML 5Page - Cree, Inc LMD400 Datasheet HTML 6Page - Cree, Inc LMD400 Datasheet HTML 7Page - Cree, Inc LMD400 Datasheet HTML 8Page - Cree, Inc LMD400 Datasheet HTML 9Page - Cree, Inc LMD400 Datasheet HTML 10Page - Cree, Inc LMD400 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
LMD300, LMD400 & LMD600 LED MoDuLE DrivErs
for at least one (1) second and release it, then double‑click the pushbutton. All connected modules will then be on at maximum brightness,
regardless of their previous states.
Touch control mode operation is summarized in the following table.
Pushbutton operation
Module operation in touch Mode
Module on
Module off
Click
All off
All on at previous brightness
Press and hold
Brightness increases or decreases opposite of
previous press and hold
All on at minimum brightness, increasing brightness
while pushbutton held
Double-click
All on at maximum brightness
MECHaniCaL DiMEnsions
Physical Characteristics of the LMD300, LMD400 & LMD600 Drivers
Physical Characteristic
LMD300
100- to 240-V
Driver
LMD300
120- to 277-V
Driver
LMD300
220- to 240-V Drivers
LMD400
120- to 277-V
Driver
LMD600
100- to 277-V Driver
Weight (g)
195
195
264
280
440
Maximum height (mm)
37.5
37.5
35
37.5
47
Maximum length (mm)
90
90
205
90
160
Maximum width (mm)
90
90
80
90
63
LMD300 100- to 240-V and LMD300 & LMD400 120- to 277-V Drivers1
1
Dimensions for all the diagrams are in mm and are for reference only. For exact dimensions and tolerances, refer to the 3‑D models (.STEP files) for
the LMD300, LMD400 and LMD600 drivers available by selecting the Documentation tab on the LMH2 product page.
40
20
431.8
45
7.5
30
30
7.5
37.5
8
7
6
5
4
Tc LOCATION
M3 OR #6
MOUNTING SLOT
TYP 2X
76.6
90
90
76.6
WIRE ROUTING SLOT
TYP 9X
180 ± 10
STRIPPED 10


Similar Part No. - LMD400

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD4411-2AEG-XX LIGITEK-LMD4411-2AEG-XX Datasheet
124Kb / 9P
   Electrical Connection
LMD4411-2AEGR-XX LIGITEK-LMD4411-2AEGR-XX Datasheet
124Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.85Inch)
More results

Similar Description - LMD400

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD125 CREE-LMD125 Datasheet
1Mb / 12P
   LED Module Drivers
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com