Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4701 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4701
Description  LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4701 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4701 Datasheet HTML 3Page - National Semiconductor (TI) LM4701 Datasheet HTML 4Page - National Semiconductor (TI) LM4701 Datasheet HTML 5Page - National Semiconductor (TI) LM4701 Datasheet HTML 6Page - National Semiconductor (TI) LM4701 Datasheet HTML 7Page - National Semiconductor (TI) LM4701 Datasheet HTML 8Page - National Semiconductor (TI) LM4701 Datasheet HTML 9Page - National Semiconductor (TI) LM4701 Datasheet HTML 10Page - National Semiconductor (TI) LM4701 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
External Components Description
Components
Functonal Description
1R
B
Prevents currents from entering the amplifier’s non-inverting input which may be passed through to the
load upon power down of the system due to the low input impedance of the circuitry when the
undervoltage circuitry is off. This phenomenon occurs when the supply voltages are below 1.5V.
2R
I
Inverting input resistance to provide AC gain in conjunction with R
F. Also creates a highpass filter with CI
at f
C = 1/(2πRICI).
3R
F
Feedback resistance to provide AC gain in conjunction with R
I.
4C
I (Note 14)
Feedback capacitor which ensures unity gain at DC.
5C
S
Provides power supply filtering and bypassing. Refer to the Supply Bypassing application section for
proper placement and selection of bypass capacitors.
6R
V
(Note 14)
Acts as a volume control by setting the input voltage level.
7R
IN
(Note 14)
Sets the amplifier’s input terminals DC bias point when C
IN is present in the circuit. Also works with CIN
to create a highpass filter at f
C = 1/(2πRINCIN). Refer to Figure 4.
8C
IN
(Note 14)
Input capacitor which blocks the input signal’s DC offsets from being passed onto the amplifier’s inputs.
9R
SN
(Note 14)
Works with C
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
The pole is set at f
C = 1/(2πRSNCSN). Refer to Figure 4.
10
C
SN
(Note 14)
Works with R
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
11
L (Note 14)
Provides high impedance at high frequencies so that R may decouple a highly capacitive load and
reduce the Q of the series resonant circuit. Also provides a low impedance at low frequencies to short
out R and pass audio signals to the load. Refer to
Figure 4.
12
R (Note 14)
13
R
A
Provides DC voltage biasing for the transistor Q1 in single supply operation.
14
C
A
Provides bias filtering for single supply operation.
15
R
INP
(Note 14)
Limits the voltage difference between the amplifier’s inputs for single supply operation. Refer to the
Clicks and Pops application section for a more detailed explanation of the function of R
INP.
16
R
BI
Provides input bias current for single supply operation. Refer to the Clicks and Pops application section
for a more detailed explanation of the function of R
BI.
17
R
E
Establishes a fixed DC current for the transistor Q1 in single supply operation. This resistor stabilizes the
half-supply point along with C
A.
Note 14: Optional components dependent upon specific design requirements.
www.national.com
7


Similar Part No. - LM4701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4700TF NSC-LM4700TF Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4702 NSC-LM4702 Datasheet
824Kb / 15P
   LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
LM4702A NSC-LM4702A Datasheet
824Kb / 15P
   LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
LM4702B NSC-LM4702B Datasheet
824Kb / 15P
   LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
More results

Similar Description - LM4701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
National Semiconductor ...
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4782 NSC-LM4782_06 Datasheet
1Mb / 27P
   Overture Audio Power Amplifier Series 3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
   Stereo 14W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com