Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD125-0017-C440-3000000 Datasheet(PDF) 2 Page - Cree, Inc

Part # LMD125-0017-C440-3000000
Description  LED Module Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD125-0017-C440-3000000 Datasheet(HTML) 2 Page - Cree, Inc

  LMD125-0017-C440-3000000 Datasheet HTML 1Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 2Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 3Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 4Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 5Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 6Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 7Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 8Page - Cree, Inc LMD125-0017-C440-3000000 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
LMD125 LED MoDuLE DrivEr
orDEr CoDEs
nominal input
Voltage (VaC)
frequency (Hz)
typical output Current
(ma)
Dimming
order Code
100-120
50/60
440
TRIAC
LMD125-0018-C440-1010000
230
50/60
440
TRIAC
LMD125-0018-C440-2010000
277
60
440
N/A
LMD125‑0017‑C440‑3000000
CHaraCtEristiCs - LMD125 100- to 120-V DriVEr
Order Code: LMD125-0018-C440-1010000
Characteristics
unit
Minimum
typical
Maximum
Input voltage range
vAC
90
120
132
Input power
W
18
Output current
mA
440
Output voltage
v
21
35
Driver efficacy (@ 55 °C) ‑ with LMH2 850‑lm light
source
%
80
Driver efficacy (@ 55 °C) ‑ with LMH2 1250‑lm light
source
%
81
Power factor ‑ with LMH2 850‑lm light source
0.97
Power factor ‑ with LMH2 1250‑lm light source
0.99
LeD driver case temperature
°C
0
80
CHaraCtEristiCs - LMD125 230-V DriVEr
Order Code: LMD125-0018-C440-2010000
Characteristics
unit
Minimum
typical
Maximum
Input voltage range
vAC
207
230
253
Input power
W
18
Output current
mA
440
Output voltage
v
37
Driver efficacy (@ 55 °C) ‑ with LMH2 850‑lm light
source
%
80
Driver efficacy (@ 55 °C) ‑ with LMH2 1250‑lm light
source
%
81
Power factor ‑ with LMH2 850‑lm light source
0.90
Power factor ‑ with LMH2 1250‑lm light source
0.95
LeD driver case temperature
°C
0
80
3‑D models (.STEP files) for the LMD125 LED module drivers are available on the Cree website by selecting the Documentation tab
on the LMH2 product page.


Similar Part No. - LMD125-0017-C440-3000000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD125-0017-C440-3000000 CREE-LMD125-0017-C440-3000000 Datasheet
851Kb / 3P
   Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
LMD125-0017-C440-3000000 CREE-LMD125-0017-C440-3000000 Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMD125-0017-C440-3000000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD300 CREE-LMD300 Datasheet
1Mb / 16P
   LED Module Drivers
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com