Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1520-0000-000N0HN440G Datasheet(PDF) 4 Page - Cree, Inc

Part # CXA1520-0000-000N0HN440G
Description  XLamp LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1520-0000-000N0HN440G Datasheet(HTML) 4 Page - Cree, Inc

  CXA1520-0000-000N0HN440G Datasheet HTML 1Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 2Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 3Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 4Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 5Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 6Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 7Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 8Page - Cree, Inc CXA1520-0000-000N0HN440G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® CXa1520 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 15).
Cree XLamp CXA1520 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C* group
order Code
group
order Code
group
order Code
3000 K
80
---
N2
1590
1762
30H
CXA1520-0000-
000N00N230H
30G
CXA1520-0000-
000N00N230G
30F
CXA1520-0000-
000N00N230F
N4
1710
1895
CXA1520-0000-
000N00N430H
CXA1520-0000-
000N00N430G
CXA1520-0000-
000N00N430F
93
95
K2
1200
1380
30H
CXA1520-0000-
000N0YK230H
30G
CXA1520-0000-
000N0YK230G
30H
CXA1520-0000-
000N0YK230F
K4
1290
1484
CXA1520-0000-
000N0YK430H
CXA1520-0000-
000N0YK430G
CXA1520-0000-
000N0YK430F
M2
1380
1587
CXA1520-0000-
000N0YM230H
CXA1520-0000-
000N0YM230G
CXA1520-0000-
000N0YM230F
2700 K
80
---
M4
1485
1645
27H
CXA1520-0000-
000N00M427H
27G
CXA1520-0000-
000N00M427G
27F
CXA1520-0000-
000N00M427F
N2
1590
1762
CXA1520-0000-
000N00N227H
CXA1520-0000-
000N00N227G
CXA1520-0000-
000N00N227F
N4
1710
1895
CXA1520-0000-
000N00N427H
CXA1520-0000-
000N00N427G
CXA1520-0000-
000N00N427F
93
95
J4
1120
1288
27H
CXA1520-0000-
000N0YJ427H
27G
CXA1520-0000-
000N0YJ427G
27F
CXA1520-0000-
000N0YJ427F
K2
1200
1380
CXA1520-0000-
000N0YK227H
CXA1520-0000-
000N0YK227G
CXA1520-0000-
000N0YK227F
fLuX ChArACtEristiCs, EAsyWhitE® orDEr CoDEs AnD bins (i
f = 500 mA, tJ = 85 °C) - Continued


Similar Part No. - CXA1520-0000-000N0HN440G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1520-0000-000N0HN440G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com