Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8852A-AEV330 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8852A-AEV330
Description  High PSRR, Low Noise, 150mA CMOS Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8852A-AEV330 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8852A-AEV330 Datasheet HTML 1Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 2Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 3Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 4Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 5Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 6Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 7Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 8Page - Analog Microelectronics AME8852A-AEV330 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AME
1
AME8852A
Rev. C.01
High PSRR, LowNoise, 150mA
CMOS Regulator
n
Typical Application
The AME8852A family of positive, CMOS linear regula-
tors provide low dropout voltage(110mV@150mA), low
quiescent current, and low noise CMOS LDO. These
rugged devices have both Thermal Shutdown, and Cur-
rent limit to prevent device failure under the "Worst" of
operating conditions.
n
General Description
n
Features
n
Applications
n
Functional Block Diagram
l
Low Dropout Voltage: 110mV@150mA
l
Guaranteed Current: 150mA
l
Quiescent Current: 60
µA (typ.)
l
Over-Temperature Shutdown
l
Current Limiting protection
l
PSRR: 60dB@10KHz
l
Ultra-Low-Noise: 100
µV
RMS at 1Hz to 100KHz
l
Low Temperature Coefficient
l
Input Voltage Range: 2.5V~5.5V
l
Output Voltage Range: 0.8V~4.3V
l
Green Products Meet RoHS Standards
l
Instrumentation
l
Portable Electronics
l
Wireless Devices
l
Cordless Phones
l
PC Peripherals
l
Battery Powered Widgets
C1
1
µF
IN
COUT
1
µF
OUT
AME8852 A
IN
EN
OUT
GND
IN
EN
AMP
-
+
OUT
R1
R2
GND
Vref
Overcurrent
Shutdown
Thermal
Shutdown


Similar Part No. - AME8852A-AEV330

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET080K AME-AME8852AAET080K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET090K AME-AME8852AAET090K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET100K AME-AME8852AAET100K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852AAET110K AME-AME8852AAET110K Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
More results

Similar Description - AME8852A-AEV330

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852 AME-AME8852_16 Datasheet
339Kb / 23P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com