Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1576UB Datasheet(PDF) 4 Page - Rohm

Part # 2SA1576UB
Description  General Purpose Transistor (-50V, -150mA)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA1576UB Datasheet(HTML) 4 Page - Rohm

  2SA1576UB Datasheet HTML 1Page - Rohm 2SA1576UB Datasheet HTML 2Page - Rohm 2SA1576UB Datasheet HTML 3Page - Rohm 2SA1576UB Datasheet HTML 4Page - Rohm 2SA1576UB Datasheet HTML 5Page - Rohm 2SA1576UB Datasheet HTML 6Page - Rohm 2SA1576UB Datasheet HTML 7Page - Rohm 2SA1576UB Datasheet HTML 8Page - Rohm 2SA1576UB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2SA2029 / 2SA1774EB / 2SA1774 / 2SA1576UB / 2SA1576A / 2SA1037AK
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Collector-Emitter Saturation
    Voltage vs. Collector Current (I)
Fig.6 Collector-Emitter Saturation
    Voltage vs. Collector Current (II)
Fig.7 Base-Emitter Saturation Voltage
    vs. Collector Current
Fig.8 Gain Bandwidth Product vs.
    Emitter Current
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
4/12
20150909 - Rev.003


Similar Part No. - 2SA1576UB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1576UB ROHM-2SA1576UB Datasheet
143Kb / 3P
   General purpose small signal amplifier (50V, 0.15A)
2SA1576UB ROHM-2SA1576UB Datasheet
164Kb / 3P
   General purpose small signal amplifier
2SA1576UB ROHM-2SA1576UB Datasheet
646Kb / 13P
   PNP -150mA -50V General Purpose Transistors
2SA1576UB ROHM-2SA1576UB Datasheet
2Mb / 15P
   General purpose Transistor
2SA1576UB ROHM-2SA1576UB_09 Datasheet
164Kb / 3P
   General purpose small signal amplifier
More results

Similar Description - 2SA1576UB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1774E3HZG ROHM-2SA1774E3HZG Datasheet
1Mb / 9P
   General Purpose Transistor (-50V, -150mA)
20220607 - Rev.001
2SA1576U3HZG ROHM-2SA1576U3HZG Datasheet
1Mb / 10P
   General Purpose Transistor (-50V, -150mA)
2SD2654E3 ROHM-2SD2654E3 Datasheet
1Mb / 9P
   General purpose Transistor (50V, 150mA)
20221201 - Rev.002
logo
AiT Semiconductor Inc.
2SC2712 AITSEMI-2SC2712 Datasheet
644Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN 150mW 150mA 50V
C945L AITSEMI-C945L Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
C945H AITSEMI-C945H Datasheet
456Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN 200mW 150mA 50V
REV1.0
logo
Rohm
2SA2029 ROHM-2SA2029_13 Datasheet
646Kb / 13P
   PNP -150mA -50V General Purpose Transistors
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
   General purpose small signal amplifier(50V, 150mA)
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
   General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com