Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR513P5 Datasheet(PDF) 6 Page - Rohm

Part # 2SAR513P5
Description  Middle Power Transistors(-50V / -1A)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR513P5 Datasheet(HTML) 6 Page - Rohm

  2SAR513P5 Datasheet HTML 1Page - Rohm 2SAR513P5 Datasheet HTML 2Page - Rohm 2SAR513P5 Datasheet HTML 3Page - Rohm 2SAR513P5 Datasheet HTML 4Page - Rohm 2SAR513P5 Datasheet HTML 5Page - Rohm 2SAR513P5 Datasheet HTML 6Page - Rohm 2SAR513P5 Datasheet HTML 7Page - Rohm 2SAR513P5 Datasheet HTML 8Page - Rohm 2SAR513P5 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SAR513P5
     
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
6/6
20150730 - Rev.002


Similar Part No. - 2SAR513P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P Datasheet
241Kb / 5P
   Midium Power Transistors (-50V / -1A)
2SAR513P ROHM-2SAR513P Datasheet
429Kb / 8P
   PNP -1.0A -50V Middle Power Transistor
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
   Midium Power Transistors (-50V / -1A)
More results

Similar Description - 2SAR513P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 1A)
2SAR513PFRA ROHM-2SAR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-50V / -1A)
2SCR293P5 ROHM-2SCR293P5 Datasheet
1Mb / 8P
   Middle Power Transistors (30V / 1A)
2SCR533P5 ROHM-2SCR533P5 Datasheet
1Mb / 9P
   Middle Power Transistors (50V / 3A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
   Midium Power Transistors (50V / 1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
   Midium Power Transistors (-50V / -1A)
QS6Z5 ROHM-QS6Z5 Datasheet
1Mb / 8P
   Complex Midium Power Transistors (50V/1A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -1A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com