Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR586D Datasheet(PDF) 2 Page - Rohm

Part # 2SAR586D
Description  PNP -5.0A -80V Middle Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR586D Datasheet(HTML) 2 Page - Rohm

  2SAR586D Datasheet HTML 1Page - Rohm 2SAR586D Datasheet HTML 2Page - Rohm 2SAR586D Datasheet HTML 3Page - Rohm 2SAR586D Datasheet HTML 4Page - Rohm 2SAR586D Datasheet HTML 5Page - Rohm 2SAR586D Datasheet HTML 6Page - Rohm 2SAR586D Datasheet HTML 7Page - Rohm 2SAR586D Datasheet HTML 8Page - Rohm 2SAR586D Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SAR586D
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
-80
V
Collector-emitter voltage
VCEO
-80
V
Emitter-base voltage
VEBO
-6
V
Collector current
IC
-5
A
ICP*1
-10
A
Power dissipation
PD*2
10
W
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown voltage
BVCBO
IC = -100μA
-80
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = -1mA
-80
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = -100μA
-6
-
-
V
Collector cut-off current
ICBO
VCB = -80V
-
-
-1.0
μA
Emitter cut-off current
IEBO
VEB = -4V
-
-
-1.0
μA
Collector-emitter saturation voltage
VCE(sat)
*3 IC = -2A, IB = -100mA
-
-160
-320
mV
DC current gain
hFE
*3
VCE = -3V, IC = -500mA
120
-
390
-
Transition frequency
fT
*3
VCE = -10V, IE = 500mA,
f = 100MHz
-
200
-
MHz
Output capacitance
Cob
VCB = -10V, IE = 0A,
f = 1MHz
-
100
-
pF
Turn-On time
ton
IC = -2.5A,
IB1 = -250mA,
IB2 = 250mA,
VCC -10V,
RL = 3.9Ω
See test circuit
-
40
-
ns
Storage time
tstg
-
350
-
ns
Fall time
tf
-
80
-
ns
*1 Pw=10ms Single Pulse
*2 Tc=25
*3 Pulsed
                                            
 
                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
20161012 - Rev.002


Similar Part No. - 2SAR586D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SAR586D ISC-2SAR586D Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
logo
Rohm
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
More results

Similar Description - 2SAR586D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
   NPN 5.0A 80V Middle Power Transistor
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
   PNP -5.0A -80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
   PNP -5.0A -80V Power Transistor
2SAR572D ROHM-2SAR572D Datasheet
808Kb / 7P
   PNP -5.0A -30V Middle Power Transistor
2SAR542P ROHM-2SAR542P Datasheet
769Kb / 8P
   PNP -5.0A -30V Middle Power Transistor
2SAR574D ROHM-2SAR574D Datasheet
809Kb / 7P
   PNP -2.0A -80V Middle Power Transistor
2SAR514R ROHM-2SAR514R_15 Datasheet
1Mb / 8P
   PNP -0.7A -80V Middle Power Transistor
2SAR564F3 ROHM-2SAR564F3 Datasheet
1Mb / 9P
   PNP -4A -80V Middle Power Transistor
2SAR514RHZG ROHM-2SAR514RHZG Datasheet
1Mb / 9P
   PNP -0.7A -80V Middle Power Transistor
20190325 - Rev.001
2SAR514P ROHM-2SAR514P_13 Datasheet
431Kb / 8P
   PNP -0.7A -80V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com