Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR372P5 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR372P5
Description  Middle Power Transistor(120V/700mA)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR372P5 Datasheet(HTML) 1 Page - Rohm

  2SCR372P5 Datasheet HTML 1Page - Rohm 2SCR372P5 Datasheet HTML 2Page - Rohm 2SCR372P5 Datasheet HTML 3Page - Rohm 2SCR372P5 Datasheet HTML 4Page - Rohm 2SCR372P5 Datasheet HTML 5Page - Rohm 2SCR372P5 Datasheet HTML 6Page - Rohm 2SCR372P5 Datasheet HTML 7Page - Rohm 2SCR372P5 Datasheet HTML 8Page - Rohm 2SCR372P5 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SCR372P5
Middle Power Transistor(120V/700mA)
Datasheet
l
lOutline
Parameter
Value
  SOT-89
 
  SC-62
 
VCEO
120V
 
 
IC
0.7A
 
 
MPT3
 
l
lFeatures
l
lInner circuit
Low saturation voltage
 VCE(sat)=300mV(Max.)
 (IC/IB=500mA/50mA)
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR372P5
SOT-89
(MPT3)
4540
T100
180
12
1000
GX
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/6
20160526 - Rev.002


Similar Part No. - 2SCR372P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
   Midium Power Transistors (120V / 700mA)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
   Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
More results

Similar Description - 2SCR372P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
   Middle Power Transistor(120V/1.5A)
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
   Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
2SAR567F3 ROHM-2SAR567F3 Datasheet
1Mb / 9P
   PNP -2.5A -120V Middle Power Transistor
2SAR372P5 ROHM-2SAR372P5 Datasheet
1Mb / 10P
   PNP -0.7A -120V Middle Power Transistor
2SAR375P5 ROHM-2SAR375P5 Datasheet
1Mb / 10P
   PNP -1.5A -120V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
   NPN 2.5A 120V Middle Power Transistor
2SCR514P5 ROHM-2SCR514P5 Datasheet
1Mb / 9P
   Middle Power Transistors (80V / 700mA)
2SCR372P ROHM-2SCR372P Datasheet
1Mb / 5P
   Midium Power Transistors (120V / 700mA)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-30V / -1A)
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (-80V / -0.7A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com