Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR513P5 Datasheet(PDF) 2 Page - Rohm

Part # 2SCR513P5
Description  Midium Power Transistors (50V / 1V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR513P5 Datasheet(HTML) 2 Page - Rohm

  2SCR513P5 Datasheet HTML 1Page - Rohm 2SCR513P5 Datasheet HTML 2Page - Rohm 2SCR513P5 Datasheet HTML 3Page - Rohm 2SCR513P5 Datasheet HTML 4Page - Rohm 2SCR513P5 Datasheet HTML 5Page - Rohm 2SCR513P5 Datasheet HTML 6Page - Rohm 2SCR513P5 Datasheet HTML 7Page - Rohm 2SCR513P5 Datasheet HTML 8Page - Rohm 2SCR513P5 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SCR513P5
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
1
A
ICP*1
2
A
Power dissipation
PD*2
0.5
W
PD*3
2.0
W
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 100μA
50
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
50
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 100μA
6
-
-
V
Collector cut-off current
ICBO
VCB = 50V
-
-
1.0
μA
Emitter cut-off current
IEBO
VEB = 4V
-
-
1.0
μA
Collector-emitter saturation voltage
VCE(sat) IC = 500mA, IB = 25mA
-
130
350
mV
DC current gain
hFE
VCE = 2V, IC = 50mA
180
-
450
-
Transition frequency
fT
*4
VCE = 10V, IE = -200mA,
f = 100MHz
-
360
-
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A,
f = 1MHz
-
7
-
pF
Turn-On time
ton
IC = 500mA,
IB1 = 50mA,
IB2 = -50mA,
VCC 10V,
RL = 20Ω
See test circuit
-
40
-
ns
Storage time
tstg
-
410
-
ns
Fall time
tf
-
75
-
ns
                                        
                              
*1 Pw=10ms, Single Pulse
*2 Each terminal mounted on a reference land.
*3 Mounted on a ceramic board.(40×40×0.7mm)
*4 Pulsed
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/6
20150730 - Rev.001


Similar Part No. - 2SCR513P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR513P ROHM-2SCR513P Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 1A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
More results

Similar Description - 2SCR513P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
   Midium Power Transistors (-50V/-4A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
   Midium Power Transistors (50V / 1A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
   Midium Power Transistors (50V / 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com