Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR513P5 Datasheet(PDF) 3 Page - Rohm

Part # 2SCR513P5
Description  Midium Power Transistors (50V / 1V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR513P5 Datasheet(HTML) 3 Page - Rohm

  2SCR513P5 Datasheet HTML 1Page - Rohm 2SCR513P5 Datasheet HTML 2Page - Rohm 2SCR513P5 Datasheet HTML 3Page - Rohm 2SCR513P5 Datasheet HTML 4Page - Rohm 2SCR513P5 Datasheet HTML 5Page - Rohm 2SCR513P5 Datasheet HTML 6Page - Rohm 2SCR513P5 Datasheet HTML 7Page - Rohm 2SCR513P5 Datasheet HTML 8Page - Rohm 2SCR513P5 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SCR513P5
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.1 Ground Emitter Propagation
    Characteristics
Fig.2 Typical Output Characteristics
Fig.3 DC Current Gain vs. Collector
    Current (I)
Fig.4 DC Current Gain vs. Collector
    Current (II)
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
3/6
20150730 - Rev.001


Similar Part No. - 2SCR513P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR513P ROHM-2SCR513P Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
   Middle Power Transistor (50V / 1A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
   Midium Power Transistors (50V / 1A)
More results

Similar Description - 2SCR513P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR553P5 ROHM-2SCR553P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 2A)
2SAR533P ROHM-2SAR533P_09 Datasheet
234Kb / 5P
   Midium Power Transistors (-50V / -3A)
QS5Y2 ROHM-QS5Y2 Datasheet
499Kb / 8P
   Midium Power Transistors (50V / 3A)
2SAR543D ROHM-2SAR543D Datasheet
524Kb / 6P
   Midium Power Transistors (-50V/-4A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
   Midium Power Transistors (-50V / -1A)
2SAR553P ROHM-2SAR553P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (-50V / -2A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
   Midium Power Transistors (50V / 1A)
2SAR543R ROHM-2SAR543R Datasheet
496Kb / 6P
   Midium Power Transistors (-50V/-3A)
MP6T13 ROHM-MP6T13 Datasheet
433Kb / 6P
   Midium Power Transistors (-50V / -3A)
QS5W2 ROHM-QS5W2 Datasheet
432Kb / 6P
   Midium Power Transistors (50V / 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com