Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3081L Datasheet(PDF) 10 Page - COSMO Electronics Corporation

Part # KMOC3081L
Description  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3081L Datasheet(HTML) 10 Page - COSMO Electronics Corporation

Back Button KMOC3081L Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 9Page - COSMO  Electronics Corporation KMOC3081L Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42003.2
- 10 -
http://www.cosmo-ic.com
cosmo
KMOC308X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
 Application Notice
The content of datasheet is the guidance for product use only. cosmo takes no responsibility to the
accuracy of the information provided here. For continuously improving all of products, including quality,
reliability, function...etc., cosmo reserves the right to change the specification, characteristics, data, materials,
and structure of products without notice. Please contact with cosmo to obtain the latest specification.
It would be required to comply with the absolute maximum ratings listed in the specification. cosmo has no
liability and responsibility to the damage caused by improper use of the products.
cosmo products are intended to be designed for use in general electronics application list below:
a. Personal computer
b. OA machine
c. Audio / Video
d. Instrumentation
e. Electrical application
f. Measurement equipment
g. Consumer electronics
h. Telecommunication
cosmo devices shall not be used or related with equipment requiring higher level of quality / reliability, or
malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitation:
a. Medical and other life supporting equipments
b. Space application
c. Telecommunication equipment (trunk lines)
d. Nuclear power control
e. Equipment used for automotive vehicles, trains, ships...etc.
This publication is the property of cosmo. No part of this publication may be reproduced or copied in any form or
any means electronically or mechanically for any purpose, in whole or in part without any written permission
expressed from cosmo.


Similar Part No. - KMOC3081L

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3081 COSMO-KMOC3081 Datasheet
306Kb / 4P
   COSMO New Product Photo Triac KMOC308X Series 800V
KMOC3081 COSMO-KMOC3081 Datasheet
385Kb / 2P
   ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT (600V VOLTS PEAK)
KMOC3081H COSMO-KMOC3081H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081 COSMO-KMOC3081_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Similar Description - KMOC3081L

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X Datasheet
214Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com