Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMOC3051TLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KMOC3051TLD
Description  5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3051TLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KMOC3051TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3051TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P41002.2
- 5 -
http://www.cosmo-ic.com
cosmo
KMOC305X Series
5PIN RANDOM-PHASE TRIAC DRIVER
PHOTOCOUPLER
Fig.7 On-state Characteristics
Fig.8 Leakage with LED off
vs. Ambient Temperature
-3
-400
-2
-1
0
1
2
3
-300
-200
-100
0
+100
+200
+300
+400
Output pulse width 80us
IF=30mA, f=60Hz, Ta=25°C
1
-40 -20
0
20
40
60
80
100 115
10
100
1000
On-state Voltage (V)
Ambient Temperature Ta (
)
Fig.9 Trigger Current
vs. Ambient Temperature
-40 -20
0
20
40
60
80
100 115
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Normalized to Ta=25°C
Ambient Temperature Ta (
)


Similar Part No. - KMOC3051TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3051 COSMO-KMOC3051 Datasheet
360Kb / 2P
   High Reliability Photocoupler
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results

Similar Description - KMOC3051TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC302X COSMO-KMOC302X Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC305X COSMO-KMOC305X Datasheet
214Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC302X COSMO-KMOC302X_15 Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3011 COSMO-KMOC3011_15 Datasheet
249Kb / 10P
   4PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3616 COSMO-KTLP3616_15 Datasheet
250Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3502 COSMO-KTLP3502_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP3506 COSMO-KTLP3506_15 Datasheet
251Kb / 10P
   8PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KTLP165J COSMO-KTLP165J_15 Datasheet
207Kb / 9P
   4PIN MINI-FLAT RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com