Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3766 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 2N3766
Description  NPN Power Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N3766 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  2N3766 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N3766 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N3766 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN Power Silicon Transistor
Rev. V1
2N3766 & 2N3767
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Absolute Maximum Ratings
1. Derate linearly @ 143 mW / °C between TC = 25°C and TC = 200°C
Ratings
Symbol
Value
Collector - Emitter Voltage
2N3766
2N3767
VCEO
60 Vdc
80 Vdc
Collector - Base Voltage
2N3766
2N3767
VCBO
80 Vdc
100 Vdc
Emitter - Base Voltage
VEBO
6 Vdc
Base Current
IB
2 Vdc
Collector Current
IC
4 Adc
Total Power Dissipation @ TA = 25°C1
PT
25 W
Operating & Storage Temperature Range
TOP, TSTG
-65°C to +200°C
Thermal Characteristics
Characteristics
Symbol
Max. Value
Thermal Resistance, Junction to Case
RθJC
2.66°C/W
Outline Drawing


Similar Part No. - 2N3766

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3766 MICROSEMI-2N3766 Datasheet
59Kb / 3P
   NPN POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3766 CENTRAL-2N3766 Datasheet
51Kb / 1P
   Power Transistors
logo
List of Unclassifed Man...
2N3766 ETC-2N3766 Datasheet
347Kb / 8P
   Power Transistors
logo
Seme LAB
2N3766 SEME-LAB-2N3766 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
logo
Central Semiconductor C...
2N3766 CENTRAL-2N3766 Datasheet
179Kb / 2P
   NPN SILICON POWER TRANSISTOR
More results

Similar Description - 2N3766

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com