Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1510-0000-000N0UF427H Datasheet(PDF) 5 Page - Cree, Inc

Part # CXA1510-0000-000N0UF427H
Description  XLamp LED
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1510-0000-000N0UF427H Datasheet(HTML) 5 Page - Cree, Inc

  CXA1510-0000-000N0UF427H Datasheet HTML 1Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 2Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 3Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 4Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 5Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 6Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 7Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 8Page - Cree, Inc CXA1510-0000-000N0UF427H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXa1510 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 26).
Cree XLamp CXA1510 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri
Minimum Luminous flux
2-step
3-step
4-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
group
order Code
group
order Code
group
order Code
5000 K
70
75
H4
970
1076
50H
CXA1510-0000-
000F00H450H
50F
CXA1510-0000-
000F00H450F
J2
1040
1154
CXA1510-0000-
000F00J250H
CXA1510-0000-
000F00J250F
J4
1120
1243
CXA1510-0000-
000F00J450H
CXA1510-0000-
000F00J450F
80
---
H4
970
1076
50H
CXA1510-0000-
000F0HH450H
50G
CXA1510-0000-
000F0HH450G
50H
CXA1510-0000-
000F0HH450F
J2
1040
1154
CXA1510-0000-
000F0HJ250H
CXA1510-0000-
000F0HJ250G
CXA1510-0000-
000F0HJ250F
J4
1120
1243
CXA1510-0000-
000F0HJ450H
CXA1510-0000-
000F0HJ450G
CXA1510-0000-
000F0HJ450F
90
95
G2
780
866
50H
CXA1510-0000-
000F0UG250H
50G
CXA1510-0000-
000F0UG250G
50F
CXA1510-0000-
000F0UG250F
G4
840
932
CXA1510-0000-
000F0UG450H
CXA1510-0000-
000F0UG450G
CXA1510-0000-
000F0UG450F
H2
900
999
CXA1510-0000-
000F0UH250H
CXA1510-0000-
000F0UH250G
CXA1510-0000-
000F0UH250F
4000 K
70
75
H4
970
1076
40H
CXA1510-0000-
000F00H440H
40F
CXA1510-0000-
000F00H440F
J2
1040
1154
CXA1510-0000-
000F00J240H
CXA1510-0000-
000F00J240F
J4
1120
1243
CXA1510-0000-
000F00J440H
CXA1510-0000-
000F00J440F
80
---
H4
970
1076
40H
CXA1510-0000-
000F0HH440H
40G
CXA1510-0000-
000F0HH440G
40F
CXA1510-0000-
000F0HH440F
J2
1040
1154
CXA1510-0000-
000F0HJ240H
CXA1510-0000-
000F0HJ240G
CXA1510-0000-
000F0HJ240F
J4
1120
1243
CXA1510-0000-
000F0HJ440H
CXA1510-0000-
000F0HJ440G
CXA1510-0000-
000F0HJ440F
90
95
G2
780
866
40H
CXA1510-0000-
000F0UG240H
40G
CXA1510-0000-
000F0UG240G
40F
CXA1510-0000-
000F0UG240F
G4
840
932
CXA1510-0000-
000F0UG440H
CXA1510-0000-
000F0UG440G
CXA1510-0000-
000F0UG440F
H2
900
999
CXA1510-0000-
000F0UH240H
CXA1510-0000-
000F0UH240G
CXA1510-0000-
000F0UH240F
fLuX ChArACtEristiCs, EAsyWhitE® Order COdes and Bins - 18 V (i
f = 500 mA, t= 85 °C) - COntinued


Similar Part No. - CXA1510-0000-000N0UF427H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1511L SONY-CXA1511L Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
CXA1511M SONY-CXA1511M Datasheet
136Kb / 7P
   Preamplifier for Remote Control Signal Reception
logo
Cree, Inc
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J40E8 CREE-CXA1512-0000-000N00J40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA1512-0000-000N00J427F CREE-CXA1512-0000-000N00J427F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
More results

Similar Description - CXA1510-0000-000N0UF427H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com