Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41693A7477Q003 Datasheet(PDF) 10 Page - TDK Electronics

Part # B41693A7477Q003
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41693A7477Q003 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B41693A7477Q003 Datasheet HTML 6Page - TDK Electronics B41693A7477Q003 Datasheet HTML 7Page - TDK Electronics B41693A7477Q003 Datasheet HTML 8Page - TDK Electronics B41693A7477Q003 Datasheet HTML 9Page - TDK Electronics B41693A7477Q003 Datasheet HTML 10Page - TDK Electronics B41693A7477Q003 Datasheet HTML 11Page - TDK Electronics B41693A7477Q003 Datasheet HTML 12Page - TDK Electronics B41693A7477Q003 Datasheet HTML 13Page - TDK Electronics B41693A7477Q003 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
150
°C
A
VR =75VDC
100
12
× 30
600
3000
200
190
3.5
2.7
1.85
0.9
220
16
× 30
300
1500
100
95
5.1
4.0
2.8
1.4
330
16
× 35
210
1050
75
72
6.3
5.0
3.4
1.7
470
18
× 39
140
700
50
48
7.9
6.2
4.3
2.1
470
20
× 29
135
720
45
44
8.2
6.4
4.4
2.2
680
21
× 39
95
500
30
30
11.5
9.0
6.2
3.1
1000
21
× 49
65
350
22
22
14.8
11.6
8.0
4.0
VR =100VDC
100
12
× 30
750
4000
320
310
2.3
1.8
1.3
0.6
150
14
× 30
550
2900
230
225
3.0
2.4
1.7
0.8
220
16
× 30
350
1900
160
157
3.7
2.9
2.0
1.0
470
18
× 39
170
900
75
73
6.9
5.4
3.7
1.8
470
20
× 29
175
900
78
76
6.0
4.7
3.2
1.6
680
21
× 39
120
670
58
56
8.5
6.7
4.6
2.3
1000
21
× 49
85
500
44
43
11.2
8.8
6.1
3.0
B41693, B41793
High reliability
up to 150
°C
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41693A7477Q003

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41693A7477Q001 TDK-B41693A7477Q001 Datasheet
443Kb / 1P
   Aluminum electrolytic capacitors Axial-lead and soldering star capacitors
logo
EPCOS
B41693A7477Q007 EPCOS-B41693A7477Q007 Datasheet
426Kb / 16P
   Aluminum electrolytic capacitors
B41693A7477Q007 EPCOS-B41693A7477Q007 Datasheet
445Kb / 17P
   Aluminum electrolytic capacitors
B41693A7477Q009 EPCOS-B41693A7477Q009 Datasheet
426Kb / 16P
   Aluminum electrolytic capacitors
B41693A7477Q009 EPCOS-B41693A7477Q009 Datasheet
445Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41693A7477Q003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com