Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHG33N65EF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIHG33N65EF
Description  E Series Power MOSFET with Fast Body Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHG33N65EF Datasheet(HTML) 6 Page - Vishay Siliconix

  SIHG33N65EF Datasheet HTML 1Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 2Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 3Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 4Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 5Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 6Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 7Page - Vishay Siliconix SIHG33N65EF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SiHG33N65EF
www.vishay.com
Vishay Siliconix
S16-0002-Rev. B, 11-Jan-16
6
Document Number: 91717
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 19 - For N-Channel
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?91717.
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
V
GS = 10 V
a
I
SD
Driver gate drive
D.U.T. l
SD waveform
D.U.T. V
DS waveform
Inductor current
D =
P.W.
Period
+
-
+
+
+
-
-
-
Peak Diode Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R
g
• Driver same type as D.U.T.
• I
SD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout considerations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. V
GS = 5 V for logic level devices
V
DD


Similar Part No. - SIHG33N65EF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHG33N65EF ISC-SIHG33N65EF Datasheet
444Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHG33N65EF-GE3 VISHAY-SIHG33N65EF-GE3 Datasheet
213Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG33N65EF VISHAY-SIHG33N65EF_V01 Datasheet
213Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHG33N65EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB24N65EF VISHAY-SIHB24N65EF Datasheet
167Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. B, 27-Feb-17
SIHH14N65EF VISHAY-SIHH14N65EF Datasheet
184Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 15-Feb-16
SIHG21N65EF VISHAY-SIHG21N65EF_V01 Datasheet
224Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHG28N65EF VISHAY-SIHG28N65EF_V01 Datasheet
208Kb / 10P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH24N65EF VISHAY-SIHH24N65EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP28N65EF VISHAY-SIHP28N65EF_V01 Datasheet
145Kb / 7P
   E Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHA21N65EF VISHAY-SIHA21N65EF_V01 Datasheet
180Kb / 8P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SQW44N65EF VISHAY-SQW44N65EF_V01 Datasheet
321Kb / 8P
   E Series Power MOSFET With Fast Body Diode
01-Jan-2023
SIHG47N60EF VISHAY-SIHG47N60EF Datasheet
152Kb / 7P
   E Series Power MOSFET with Fast Body Diode
Rev. D, 28-Oct-13
SIHH11N65EF VISHAY-SIHH11N65EF Datasheet
200Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. A, 21-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com